Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP50U Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SP50U
Description  50 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SP50U Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SP50U Datasheet HTML 1Page - List of Unclassifed Manufacturers SP50U Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
69
MODEL
SP50U-03S
SP50U-05S
SP50U-12S
SP50U-15S
SP50U-24S
SP50U-48S
OUTPUT VOLTAGE
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
48 VDC
OUTPUT CURRENT
@100V
@230V
10.0 A
10.0 A
4.6 A
3.7 A
2.3 A
1.2 A
12.0 A
12.0 A
5.5 A
4.4 A
2.5 A
1.4 A
EFFICIENCY
70%
72%
77%
77%
78%
78%
LINE REGULATION
20 mV max.
20 mV max.
20 mV max.
20 mV max.
30 mV max.
50 mV max.
LOAD REGULATION
60 mV max.
60 mV max.
60 mV max.
60 mV max.
120 mV max.
180 mV max.
Series
Series
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted.
Mounting screw lenght should not exceed 0.31 inches or 8 mm.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
• No. 6-32 mounting holes standard
• Dimensions in mm
• Terminal block or “pin”
type connector available
SP50U



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com