Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS2909NB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MAS2909NB
Description  RADIATION HARD MICROPROGRAM SEQUENCER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS2909NB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MAS2909NB Datasheet HTML 1Page - List of Unclassifed Manufacturers MAS2909NB Datasheet HTML 2Page - List of Unclassifed Manufacturers MAS2909NB Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS2909NB Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS2909NB Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS2909NB Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS2909NB Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS2909NB Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS2909NB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MA2909/11
4
Cycle
N
N + 1
N
N + 1
N
N + 1
N
N + 1
N
N + 1
N
N + 1
N
N + 1
N
N + 1
N
N + 1
N
N + 1
N
N + 1
N
N + 1
S1
S0
FE PUP
L
L
L
L
-
L
L
L
H
-
L
L
H
X
-
L
H
L
L
-
L
H
L
H
-
L
H
H
X
-
H
L
L
L
-
H
L
L
H
-
H
L
H
X
-
H
H
L
L
-
H
H
L
H
-
H
H
H
X
-
µPC
J
J + 1
J
J + 1
J
J + 1
J
K + 1
J
K + 1
J
K + 1
J
Ra + 1
J
Ra + 1
J
Ra + 1
J
D + 1
J
D + 1
J
D + 1
REG
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
STK0
Ra
Rb
Ra
J
Ra
Ra
Ra
Rb
Ra
J
Ra
Ra
Ra
Rb
Ra
J
Ra
Ra
Ra
Rb
Ra
J
Ra
Ra
STK1
Rb
Rc
Rb
Ra
Rb
Rb
Rb
Rc
Rb
Ra
Rb
Rb
Rb
Rc
Rb
Ra
Rb
Rb
Rb
Rc
Rb
Ra
Rb
Rb
STK2
Rc
Rd
Rc
Rb
Rc
Rc
Rc
Rd
Rc
Rb
Rc
Rc
Rc
Rd
Rc
Rb
Rc
Rc
Rc
Rd
Rc
Rb
Rc
Rc
STK3
Rd
Ra
Rd
Rc
Rd
Rd
Rd
Ra
Rd
Rc
Rd
Rd
Rd
Ra
Rd
Rc
Rd
Rd
Rd
Ra
Rd
Rc
Rd
Rd
Principal Use
End Loop
Set-up Loop
Continue
End Loop
JSR AR
JMP AR
RTS
Stack Ref
(Loop)
End Loop
JSR D
JMP D
1 = High, 0 = Low, X = Irrelevant, Assume Cn = High
Note: STK0 is the location addressed by the stack pointer
Table 2: Output and Internal Next-Cycle Register States for 2909/2911
Table 3 (Page 5) illustrates the execution of a subroutine
using the 2909. The configuration of Figure 2 is assumed. The
instruction being executed at any given time is the one
contained in the microword register (µWR). The contents of the
µWR also control (indirectly, perhaps) the four signals S0, S1,
FE, and PUP. The starting address of the subroutine is applied
to the D inputs of the 2909 at the appropriate time.
In the column on the left is the sequence of
microinstructions to be executed. At address J+2, the
sequence control portion of the microinstruction contains the
command “Jump to subroutine at A”.
At the time T2, this instruction is in the µWR, and the 2909
inputs are set-up to execute the jump and save the return
address. The subroutine address A is applied to the D inputs
from the µWR and appears on the Y outputs. The first
instruction of the subroutine, I(A), is accessed and is at the
inputs of the µWR. On the next clock transition, l(A) is loaded
into the µWR for execution, and the return address J + 3 is
pushed on to the stack. The return instruction is executed at
T5. Table 4 is a similar timing chart showing one subroutine
linking to a second, the latter consisting of only one
microinstruction.
YOUT
J
-
J
-
J
-
K
-
K
-
K
-
Ra
-
Ra
-
Ra
-
D
-
D
-
D
-
Comment
Pop Stack
Push µPC
Continue
Pop Stack;
Use AR for Address
Push µPC;
Jump to Address in AR
Jump to Address in AR
Jump to Address in
STK0; Pop Stack
Jump to Address in
STK0; Push µPC
Jump to Address in
STK0
Pop Stack;
Jump to Address on D
Jump to Address on D;
Push µPC
Jump to Address on D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com