Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1596-AD-TN5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # P1596-AD-TN5-R
Description  150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1596-AD-TN5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  P1596-AD-TN5-R Datasheet HTML 1Page - Unisonic Technologies P1596-AD-TN5-R Datasheet HTML 2Page - Unisonic Technologies P1596-AD-TN5-R Datasheet HTML 3Page - Unisonic Technologies P1596-AD-TN5-R Datasheet HTML 4Page - Unisonic Technologies P1596-AD-TN5-R Datasheet HTML 5Page - Unisonic Technologies P1596-AD-TN5-R Datasheet HTML 6Page - Unisonic Technologies P1596-AD-TN5-R Datasheet HTML 7Page - Unisonic Technologies P1596-AD-TN5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
P1596
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R103-027,B
PIN DESCRIPTIONS
FOR 5-PIN
FOR 4-PIN
PIN NAME
DESCRITION
1
1
VIN
Operating voltage input
2
2
Output
Switching output
3
4
GND
Circuit Ground
4
3
FB (Feedback)
Output voltage feedback control
5
-
SD (Shutdown) ON/OFF shutdown
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SIP-4
12 3
UTC
P1596
Date Code
4
Voltage Code
Lead Plating
TO-220-5
TO-220B
TO-252-5
TO-263-5
25:2.5V
33:3.3V
50:5.0V
AD:ADJ
12 3
UTC
P1596
Voltage Code
Date Code
45
Lead Plating
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction to Case
SIP-4
TO-220B
TO-220-5
TO-252-5
TO-263-5
θJC
30
3
3
8
4
℃
/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com