Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTL2 Datasheet(PDF) 1 Page - Bivar, Inc.

Part # SMTL2
Description  PLCC2 SMD Top View Package LED SMTL2-BWC, BLUE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

SMTL2 Datasheet(HTML) 1 Page - Bivar, Inc.

  SMTL2 Datasheet HTML 1Page - Bivar, Inc. SMTL2 Datasheet HTML 2Page - Bivar, Inc. SMTL2 Datasheet HTML 3Page - Bivar, Inc. SMTL2 Datasheet HTML 4Page - Bivar, Inc. SMTL2 Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
SMTL2-BWC
Industry Standard PLCC2 Footprint
Low Profile Package
High Luminous Intensity
Wide Viewing Angle
High Power Efficiency
PLCC2 SMD Top View Package LED
SMTL2-BWC, BLUE
Part Number
Material
Emitted Color
Lumen Typ. mcd
Lens Color
Viewing Angle
SMTL2-BWC
GaN
Blue
50
Water Clear
120°
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 Web: www.bivar.com
Revision A
02/16
Page 1 of 5
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
RoHS Compliant
Moisture
Sensitivity
Levels 4
Outline Dimensions
Bivar SMTL2 LED is offered in an industry standard PLCC2 package with high luminous intensity and wide
viewing angles. The miniature package is ideal for small scale applications such as illumination, general
indication, and backlighting. Low power consumption and excellent long life reliability are suitable for bat-
tery powered equipment. The robust package is ideal for harsh working environments and can be used in
clusters for high luminous applications. Wide variety of color and intensity combinations are available to
meet any illumination needs. Bivar SMTL2 LED is packaged in standard tape and reels for pick and
place assemblies.


Similar Part No. - SMTL2

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SMTL2 BIVAR-SMTL2 Datasheet
767Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-YC, YELLOW
Revision A 02/16
SMTL2 BIVAR-SMTL2 Datasheet
772Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-UYC, ULTRA YELLOW
Revision A 02/16
SMTL2 BIVAR-SMTL2 Datasheet
772Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-UWD, WHITE
Revision A 02/16
SMTL2 BIVAR-SMTL2 Datasheet
725Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-URC, ULTRA RED
Revision A 02/16
SMTL2 BIVAR-SMTL2 Datasheet
768Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-UPGC, ULTRA PURE GREEN
Revision A 02/16
More results

Similar Description - SMTL2

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SMTL2-AC BIVAR-SMTL2-AC Datasheet
1Mb / 5P
PLCC2 SMD Top View Package LED SMTL2-AC, AMBER
Revision B 06/22
SMTL2-GC BIVAR-SMTL2-GC Datasheet
769Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-GC, GREEN
Revision A 02/16
SMTL2-HC BIVAR-SMTL2-HC Datasheet
766Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-HC, HE RED
Revision A 02/16
SMTL2-OC BIVAR-SMTL2-OC Datasheet
767Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-OC, ORANGE
Revision A 02/16
SMTL2-RC BIVAR-SMTL2-RC Datasheet
770Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-RC, RED
Revision A 02/16
SMTL2-SBWC BIVAR-SMTL2-SBWC Datasheet
774Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-SBWC, SUPER BLUE
Revision A 02/16
SMTL2-SGC BIVAR-SMTL2-SGC Datasheet
765Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-SGC, SUPER GREEN
Revision A 02/16
SMTL2-UWD BIVAR-SMTL2-UWD Datasheet
772Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-UWD, WHITE
Revision A 02/16
SMTL2-UYC BIVAR-SMTL2-UYC Datasheet
772Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-UYC, ULTRA YELLOW
Revision A 02/16
SMTL2-YC BIVAR-SMTL2-YC Datasheet
767Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-YC, YELLOW
Revision A 02/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com