Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTL2-SGC Datasheet(PDF) 1 Page - Bivar, Inc.

Part # SMTL2-SGC
Description  PLCC2 SMD Top View Package LED SMTL2-SGC, SUPER GREEN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

SMTL2-SGC Datasheet(HTML) 1 Page - Bivar, Inc.

  SMTL2-SGC Datasheet HTML 1Page - Bivar, Inc. SMTL2-SGC Datasheet HTML 2Page - Bivar, Inc. SMTL2-SGC Datasheet HTML 3Page - Bivar, Inc. SMTL2-SGC Datasheet HTML 4Page - Bivar, Inc. SMTL2-SGC Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
SMTL2-SGC
♦
Industry Standard PLCC2 Footprint
♦
Low Profile Package
♦
High Luminous Intensity
♦
Wide Viewing Angle
♦
High Power Efficiency
PLCC2 SMD Top View Package LED
SMTL2-SGC, SUPER GREEN
Part Number
Material
Emitted Color
Lumen Typ. mcd
Lens Color
Viewing Angle
SMTL2-SGC
AlGaInP
Super Green
115
Water Clear
120°
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 Web: www.bivar.com
Revision A
02/16
Page 1 of 5
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
RoHS Compliant
Moisture
Sensitivity
Levels 4
Outline Dimensions
Bivar SMTL2 LED is offered in an industry standard PLCC2 package with high luminous intensity and wide
viewing angles. The miniature package is ideal for small scale applications such as illumination, general
indication, and backlighting. Low power consumption and excellent long life reliability are suitable for bat-
tery powered equipment. The robust package is ideal for harsh working environments and can be used in
clusters for high luminous applications. Wide variety of color and intensity combinations are available to
meet any illumination needs. Bivar SMTL2 LED is packaged in standard tape and reels for pick and
place assemblies.


Similar Part No. - SMTL2-SGC

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SMTL2-SBWC BIVAR-SMTL2-SBWC Datasheet
774Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-SBWC, SUPER BLUE
Revision A 02/16
SMTL2-SOC BIVAR-SMTL2-SOC Datasheet
780Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-SOC, SUPER ORANGE
Revision A 02/16
SMTL2-SPGC BIVAR-SMTL2-SPGC Datasheet
769Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-SPGC, SUPER PURE GREEN
Revision A 02/16
SMTL2-SRC BIVAR-SMTL2-SRC Datasheet
767Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-SRC, SUPER RED
Revision A 02/16
SMTL2-SUWD BIVAR-SMTL2-SUWD Datasheet
772Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-SUWD, SUPER WHITE
Revision A 02/16
More results

Similar Description - SMTL2-SGC

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SMTL2-AC BIVAR-SMTL2-AC Datasheet
1Mb / 5P
PLCC2 SMD Top View Package LED SMTL2-AC, AMBER
Revision B 06/22
SMTL2-GC BIVAR-SMTL2-GC Datasheet
769Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-GC, GREEN
Revision A 02/16
SMTL2-OC BIVAR-SMTL2-OC Datasheet
767Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-OC, ORANGE
Revision A 02/16
SMTL2-SBWC BIVAR-SMTL2-SBWC Datasheet
774Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-SBWC, SUPER BLUE
Revision A 02/16
SMTL2-SOC BIVAR-SMTL2-SOC Datasheet
780Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-SOC, SUPER ORANGE
Revision A 02/16
SMTL2-SPGC BIVAR-SMTL2-SPGC Datasheet
769Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-SPGC, SUPER PURE GREEN
Revision A 02/16
SMTL2-SRC BIVAR-SMTL2-SRC Datasheet
767Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-SRC, SUPER RED
Revision A 02/16
SMTL2-SUWD BIVAR-SMTL2-SUWD Datasheet
772Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-SUWD, SUPER WHITE
Revision A 02/16
SMTL2-SYC BIVAR-SMTL2-SYC Datasheet
767Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-SYC, SUPER YELLOW
Revision A 02/16
SMTL2-YC BIVAR-SMTL2-YC Datasheet
767Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-YC, YELLOW
Revision A 02/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com