Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1596-AD-TQ5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # P1596-AD-TQ5-R
Description  150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1596-AD-TQ5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  P1596-AD-TQ5-R Datasheet HTML 1Page - Unisonic Technologies P1596-AD-TQ5-R Datasheet HTML 2Page - Unisonic Technologies P1596-AD-TQ5-R Datasheet HTML 3Page - Unisonic Technologies P1596-AD-TQ5-R Datasheet HTML 4Page - Unisonic Technologies P1596-AD-TQ5-R Datasheet HTML 5Page - Unisonic Technologies P1596-AD-TQ5-R Datasheet HTML 6Page - Unisonic Technologies P1596-AD-TQ5-R Datasheet HTML 7Page - Unisonic Technologies P1596-AD-TQ5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
P1596
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R103-027,B
TYPICAL APPLICATION
FOR ADJUSTABLE OUTPUT VOLTAGE VERSION
For 5 PIN:
UTC P1596 -ADJ
1
+VIN
Unregulated
DC Input
35
GND
ON/OFF
2
OUTPUT
Keep Feedback Wiring
Away From Inductor Flux
Regulated Output
L
O
A
D
COUT
+
+
CIN
+
4 Feedback
Locate The Programming Resistors Near
The Feedback Pin Using Short Leads
Heavy Lines Must be Kept Short and Use
Ground Plane Construction for Best Results
D1
L1
CFF
R2
R1
1k
VOUT×(R1/(R1+ R2))=VREF
VOUT = VREF(1+ R2/R1)
Where VREF=1.23V
R2=R1((VOUT / VREF)-1)
For 4 PIN:
Co
Capacitor
3.3V/1.5A
Output Load
L1
Inductor
OUTPUT
D1
Schottky Diode
GND
UTC
P1596 -XX
1
4
2
3
VIN
FB
+
+
12V
DC Input
CIN
Capacitor
R1
R2
VOUT=VFB×(1+R1/R2)
VFB=1.23V
R2=1K~3K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com