Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTL4 Datasheet(PDF) 1 Page - Bivar, Inc.

Part # SMTL4
Description  PLCC4 SMD Top View Package LED SMTL4-SBC-RB, RED/BLUE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

SMTL4 Datasheet(HTML) 1 Page - Bivar, Inc.

  SMTL4 Datasheet HTML 1Page - Bivar, Inc. SMTL4 Datasheet HTML 2Page - Bivar, Inc. SMTL4 Datasheet HTML 3Page - Bivar, Inc. SMTL4 Datasheet HTML 4Page - Bivar, Inc. SMTL4 Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMTL4-SBC-RB
♦
Industry Standard PLCC4 Footprint
♦
2 Super Bright Chips in One Low Profile Package
♦
High Luminous Intensity
♦
Wide Viewing Angle
♦
High Power Efficiency
PLCC4 SMD Top View Package LED
SMTL4-SBC-RB, RED/BLUE
Part Number
Material
Emitted Color
Lumen Typ. mcd
Lens Color
Viewing Angle
SMTL4-SBC-RB
AlGaInP
Red
180
Water Clear
120°
InGaN
Blue
285
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 Web: www.bivar.com
Revision A
02/16
Page 1 of 5
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
RoHS Compliant
Moisture
Sensitivity
Levels 4
Outline Dimensions
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
Bivar SMTL4 Super Bright Bi-Color LED combines two chips in a single package and is offered in an indus-
try standard PLCC4 footprint. The SMTL4 LED has a water clear lens for high luminous intensity and wide
viewing angle making them ideal for outdoor illumination applications where higher ambient lighting condi-
tions exist. The robust package is ideal for harsh working environments and can be clustered in LED ar-
rays for maximum illumination.
Low power consumption and excellent long life reliability are suitable for
battery powered equipment. Bivar SMTL4 LED is packaged in standard tape and reels for pick and place
assemblies.


Similar Part No. - SMTL4

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SMTL4 BIVAR-SMTL4 Datasheet
748Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SRYB, RED/YELLOW/BLUE
Revision A 02/16
SMTL4 BIVAR-SMTL4 Datasheet
762Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SRGY, RED/GREEN/YELLOW
Revision B 09/16
SMTL4 BIVAR-SMTL4 Datasheet
747Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SRGB, RED/GREEN/BLUE
Revision A 02/16
SMTL4 BIVAR-SMTL4 Datasheet
812Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SBC, RED/GREEN
Revision A 02/16
SMTL4 BIVAR-SMTL4 Datasheet
814Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SBC-YG, YELLOW/GREEN
Revision A 02/16
More results

Similar Description - SMTL4

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SMTL4-BC-RB BIVAR-SMTL4-BC-RB Datasheet
773Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-BC-RB, RED/BLUE
Revision A 02/16
SMTL4-BC-RY BIVAR-SMTL4-BC-RY Datasheet
802Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-BC-RY, RED/YELLOW
Revision A 02/16
SMTL4-BC BIVAR-SMTL4-BC Datasheet
805Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-BC, RED/GREEN
Revision A 02/16
SMTL4-RGB BIVAR-SMTL4-RGB Datasheet
768Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-RGB, RED/GREEN/BLUE
Revision A 02/16
SMTL4-RYB BIVAR-SMTL4-RYB Datasheet
767Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-RYB, RED/YELLOW/BLUE
Revision A 02/16
SMTL4-SBC-RY BIVAR-SMTL4-SBC-RY Datasheet
809Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SBC-RY, RED/YELLOW
Revision A 02/16
SMTL4-SBC-YG BIVAR-SMTL4-SBC-YG Datasheet
814Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SBC-YG, YELLOW/GREEN
Revision A 02/16
SMTL4-SBC BIVAR-SMTL4-SBC Datasheet
812Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SBC, RED/GREEN
Revision A 02/16
SMTL4-SRGB BIVAR-SMTL4-SRGB Datasheet
747Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SRGB, RED/GREEN/BLUE
Revision A 02/16
SMTL4-SRYB BIVAR-SMTL4-SRYB Datasheet
748Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SRYB, RED/YELLOW/BLUE
Revision A 02/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com