Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTL4 Datasheet(PDF) 2 Page - Bivar, Inc.

Part # SMTL4
Description  PLCC4 SMD Top View Package LED SMTL4-SBC-YG, YELLOW/GREEN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

SMTL4 Datasheet(HTML) 2 Page - Bivar, Inc.

  SMTL4 Datasheet HTML 1Page - Bivar, Inc. SMTL4 Datasheet HTML 2Page - Bivar, Inc. SMTL4 Datasheet HTML 3Page - Bivar, Inc. SMTL4 Datasheet HTML 4Page - Bivar, Inc. SMTL4 Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLCC4 SMD Top View Package LED
SMTL4-SBC-YG, YELLOW/GREEN
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 Web: www.bivar.com
Revision A
02/16
Page 2 of 5
Radiation Diagram
Directivity Radiation
TA = 25°C unless otherwise noted
Electrical Characteristics
TA = 25°C & IF = 20 mA unless otherwise noted
Emitting
Color
Forward
Voltage (V)1
Recommend
Forward
Current (mA)
Reverse
Current (µA)
VR=5V
Dominant
Wavelength (nm)2
Luminous
Intensity (mcd)3
Viewing
Angle
2 Ө ½ (deg)
TYP
MAX
TYP
MAX
TYP
MIN
TYP
TYP
Yellow
1.9
2.4
20
10
591
115
180
Green
1.9
2.4
20
10
574
57
115
120
1. Tolerance of Forward Voltage : ±0.05V.
2. Tolerance of Dominant Wavelength : ±0.1nm.
3. Tolerance of Luminous Intensity : ±15%.
Notes:
1. 10% Duty Cycle, Pulse Width ≤ 0.1 msec.
2. Solder time less than 5 seconds at temperature extreme.
Notes:
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Power Dissipation
72 mW
Continuous Forward Current
30 mA
Peak Forward Current 1
100 mA
Reverse Voltage
5 V
Derating Linear From 25°C
0.4 mA/°C
Operating Temperature Range
-40 ~ +85°C
Storage Temperature Range
-40 ~ +100°C
Soldering Temperature 2
260°C
Electrostatic Discharge Classification (HBM)
2000 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com