Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES-511 Datasheet(PDF) 4 Page - Black Box Registered Trademark

Part # ES-511
Description  ES-511 Industrial Ethernet Serial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

ES-511 Datasheet(HTML) 4 Page - Black Box Registered Trademark

  ES-511 Datasheet HTML 1Page - Black Box Registered Trademark ES-511 Datasheet HTML 2Page - Black Box Registered Trademark ES-511 Datasheet HTML 3Page - Black Box Registered Trademark ES-511 Datasheet HTML 4Page - Black Box Registered Trademark ES-511 Datasheet HTML 5Page - Black Box Registered Trademark ES-511 Datasheet HTML 6Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UK +44 (0)151 220 2500 // USA +1 (919) 241 8487
www.brainboxes.com // sales@brainboxes.com
1xRS232/422/485 Industrial Ethernet to Serial
Serial Port
Ports
Software Selectable as RS232, RS422/485 Full Duplex, or RS485 Half Duplex
Port Settings - Software Selectable as RS232, RS422/485 Full Duplex, or RS485 Half Duplex
Baud Rate
Any custom Baud rate between 60 - 1,000,000 (1 MegaBaud) can be selected
Data Bits
5,6,7 or 8
Parity
Odd, Even, None, Mark or Space
Stop Bits
1, 1.5 or 2
Flow Control
RTS/CTS, DSR/DTR, XON/XOFF
Tx/Rx Modes
RS232 Standard: RS232 allows point to point communication between 2 devices.
RS422 Standard: RS422 allows one transmitter and up to 10 receivers with data transmitter rates up
to 10 megabits per second for distances up to 40 feet and up to 100 Kilobits per second for distances
up to 4,000 feet (1219 metres). To achieve good long distance noise immunity, 2 wires are used to
carry each signal, configured as a twisted pair of cables. The TXD pair and RXD pair are used to carry
the data whilst the RTS pair and CTS pair lines are used for handshaking. Thus 2 twisted pairs are
used without handshaking and 4 twisted pair cable is used with handshaking both these schemes
allow full duplex data communications.
RS485 Standard: RS485, based on the RS422 standard allows up to 32 driver/receivers pairs on a
standard load or 128 low load devices per port can be connected. Whilst only one of these should
be transmitting data at any time, the rest can all simultaneously listen to the data. Handshaking is
performed by software protocol. Two twisted pairs form a full duplex system. Often only one twisted
pair cable is used as the TXD and RXD lines are tied together; this is known as half duplex mode.
Brainboxes RS422/485 products implement a state of the art hardware autogating circuit ensuring
error free communications in half duplex configurations.
Industrial Ethernet to Serial RS485: recievers are 1/8th load allowing upto 256 nodes on the bus. Fail
safe open circuit and short circuit protection, protects the Industrial Ethernet to Serial against wiring
faults.
Line Terminating Resistor: On board RS485 line termination resistor can be enabled by a user
selectable jumper. The RS422/485 line terminating resister prevents signal reflections when the ES
device is at the end of transmission line.
Bias Resistors: On board RS485 Half Duplex fail safe bias resistors enabled by user selectable jumpers.
The fail safe biasing resistors pull the line to a known good state during idle times preventing phantom
character detection.
Power Supply
Power Supply input
Redundant DC Dual Power Inputs, reverse polarity protected +5 VDC to +30VDC
Power Consumption 1.6 Watt typical 60mA@24V - 2.9 Watt Max
Ethernet
Ethernet Port
1 x RJ45 jack, 10/100Mhz autosensing, crossover auto sensing (Auto MDIX)
Data Rate
10/100 Mega bits/second
Cabling
Normal / AUTO MDI/MDIX and IEEE Auto crossover support
Industrial Ethernet to Serial
ES-511



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com