Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES-522 Datasheet(PDF) 2 Page - Black Box Registered Trademark

Part # ES-522
Description  ES-522 Industrial Ethernet Serial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

ES-522 Datasheet(HTML) 2 Page - Black Box Registered Trademark

  ES-522 Datasheet HTML 1Page - Black Box Registered Trademark ES-522 Datasheet HTML 2Page - Black Box Registered Trademark ES-522 Datasheet HTML 3Page - Black Box Registered Trademark ES-522 Datasheet HTML 4Page - Black Box Registered Trademark ES-522 Datasheet HTML 5Page - Black Box Registered Trademark ES-522 Datasheet HTML 6Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UK +44 (0)151 220 2500 // USA +1 (919) 241 8487
www.brainboxes.com // sales@brainboxes.com
Connectors
Screw Terminals
3.5mm pitch, #22 - #14, 0.5mm2-2.5mm2 pin
Conductor Wire
28 to 16 AWG, 0.14mm to 1.5mm Max
Power Supply
Power Supply input
Unregulated +5V to +30Volts DC, reverse polarity protection
Environmental
Operating Temperature
-40oC to +80oC / -40ºF to +176ºF
Storage Temperature
-40oC to +85oC / -40ºF to +185ºF
Ambient Relative Humidity 5 to 95% (non-condensing)
Magjack LED Information
Status LED
Green
Device Ready
Flashing Yellow
Changing Settings
Flashing between Red & Green
Querying IP
Flashing Green/Red
User performing Hard Reset
Flashing between Green & Red/Yellow
IP address diagnostic
Flashing between Green & Yellow
Initialization diagnostic
Serial Port LEDs
Green light on
Port Open
Flashing Green
Data RX/TX
Network LED
Green light on
Link Established
Flashing Green
Data RX/TX
Ethernet
Ethernet Port
RJ45 jack, 10/100Mhz autosensing, crossover auto sensing (Auto MDIX)
Easy Wire Removable screw terminal blocks
Wide Range Input Power: +5VDC to
+30VDC
Integral DIN rail clip with earth
IP20 Non-conducting
polyamide case with vents
-40ºC to +80ºC/-40ºF to
+176ºF temperature range
Ethernet Port
State of the art Autogating
for trouble free RS485 Half
Duplex flow control
Serial Port Tunneling allows
serial cable replacement
over any distance, no software
required
LED status indication
2 Port Serial Software selectable
as RS232/422/485
Industrial Ethernet to Serial
ES-522



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com