Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-005 Datasheet(PDF) 1 Page - Black Box Registered Trademark

Part # SW-005
Description  5 Port Unmanaged Ethernet Switch Wall Mountable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-005 Datasheet(HTML) 1 Page - Black Box Registered Trademark

  SW-005 Datasheet HTML 1Page - Black Box Registered Trademark SW-005 Datasheet HTML 2Page - Black Box Registered Trademark SW-005 Datasheet HTML 3Page - Black Box Registered Trademark SW-005 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UK +44 (0)151 220 2500
www.brainboxes.com
USA +1 855 958 2502
sales@brainboxes.com
RoHS
RoHS
MADE IN
BRITAIN
IP30
• 5 Port 10/100 Mbs Ethernet Switch
• Power inputs: +5V to +30V DC
• Compact design with integral wall
mount
• No software required - Simply plug in
and connect
• Integral wall mount or optional DIN
rail mount
• -10ºC to +60ºC/+14ºF to +140ºF
temperature range
Integral wall mount option can
be used with
MK-048 clips to allow DIN rail
mounting
Non conducting polyamide
casing prevents electrical
conduction – for safer
installation
+5 to +30 Volt Power Input
enables the device to be run
from a standard car battery -
ideal for in vehicle applications
5 Port Unmanaged Ethernet Switch Wall Mountable
5 Port Ethernet Switch 10/100
SW-005


Similar Part No. - SW-005

ManufacturerPart #DatasheetDescription
logo
Brainboxes Limited
SW-005 BRAINBOXE-SW-005 Datasheet
2Mb / 7P
SPRING LOADED DIN RAIL MOUNT 35MM WIDTH
More results

Similar Description - SW-005

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2525-BE ADVANTECH-EKI-2525-BE Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
EKI-2525I-BE ADVANTECH-EKI-2525I-BE Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
EKI-2525-AE ADVANTECH-EKI-2525-AE Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
TES-150-M12 ORING-TES-150-M12 Datasheet
3Mb / 4P
5-port unmanaged Ethernet switch
TXPS-141XT-M12 ORING-TXPS-141XT-M12 Datasheet
385Kb / 5P
5-port unmanaged PoE Ethernet switch
logo
Brainboxes Limited
SW-504 BRAINBOXE-SW-504 Datasheet
1Mb / 4P
4 Port Unmanaged Ethernet Switch DIN Mountable
SW-715 BRAINBOXE-SW-715 Datasheet
1Mb / 4P
4 Port Unmanaged Ethernet Switch DIN Mountable
SW-505 BRAINBOXE-SW-505 Datasheet
1Mb / 4P
5 Port Unmanaged Ethernet Switch Compact DIN Mountable
2016
logo
Black Box Registered Tr...
SW-008 BLACKBOX-SW-008 Datasheet
913Kb / 4P
8 Port Unmanaged Ethernet Switch Wall Mountable
SW-015 BLACKBOX-SW-015 Datasheet
970Kb / 4P
5 Port Unmanaged Gigabit Ethernet Switch Wall Mountable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com