Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-515 Datasheet(PDF) 1 Page - Black Box Registered Trademark

Part # SW-515
Description  COMPACT INDUSTRIAL 5 PORT GIGABIT ETHERNET SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-515 Datasheet(HTML) 1 Page - Black Box Registered Trademark

  SW-515 Datasheet HTML 1Page - Black Box Registered Trademark SW-515 Datasheet HTML 2Page - Black Box Registered Trademark SW-515 Datasheet HTML 3Page - Black Box Registered Trademark SW-515 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 (919) 241 8487
www.brainboxes.com // sales@brainboxes.com
GB AEOF 00031/11
• 5 Gigabit Ethernet ports
• Wide voltage input range: +5V to +30V
DC - can be powered by a variety of
sources
• Industrial temperature range: -40ºC
to +80ºC/-40ºF to +176ºF - works in
extreme conditions
• Redundant dual power inputs -
reduces risk of power outage
• Compact design - efficient use of DIN
rail
• Integral DIN mount
Integral DIN mount and slim
design takes up minimal
cabinet space
Non conducting polyamide
casing with removable
numbered power terminal for
easy wiring
+5 to +30 Volt power input
enables the device to be run
from a standard car battery -
ideal for in vehicle applications
COMPACT INDUSTRIAL 5 PORT GIGABIT ETHERNET SWITCH
SW-515


Similar Part No. - SW-515

ManufacturerPart #DatasheetDescription
logo
Brainboxes Limited
SW-515 BRAINBOXE-SW-515 Datasheet
2Mb / 7P
SPRING LOADED DIN RAIL MOUNT 35MM WIDTH
More results

Similar Description - SW-515

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2725 ADVANTECH-EKI-2725 Datasheet
259Kb / 1P
5-port Gigabit Unmanaged Industrial Ethernet Switch
logo
List of Unclassifed Man...
LSW3-GT-5EP_W ETC2-LSW3-GT-5EP_W Datasheet
410Kb / 2P
Gigabit Ethernet Switch - 5 Port
logo
Level One
GSW-0507 LVL1-GSW-0507 Datasheet
664Kb / 3P
5-Port Gigabit Ethernet Switch
logo
Advantech Co., Ltd.
EKI-2725-CE ADVANTECH-EKI-2725-CE Datasheet
285Kb / 2P
5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-3725P-AE ADVANTECH-EKI-3725P-AE Datasheet
603Kb / 2P
5-port Gigabit Unmanaged PoE Industrial Ethernet Switch
EKI-2725-BE ADVANTECH-EKI-2725-BE Datasheet
285Kb / 2P
5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-3725-AE ADVANTECH-EKI-3725-AE Datasheet
886Kb / 2P
5-port Gigabit Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IGS-3032GC ORING-IGS-3032GC Datasheet
1Mb / 4P
Industrial 5-port managed Gigabit Ethernet switch
logo
Black Box Registered Tr...
SW-115 BLACKBOX-SW-115 Datasheet
1Mb / 4P
EMBEDDED INDUSTRIAL 5 PORT GIGABIT ETHERNET SWITCH
SW-514 BLACKBOX-SW-514 Datasheet
1Mb / 4P
COMPACT INDUSTRIAL 4 PORT GIGABIT ETHERNET SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com