Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-525 Datasheet(PDF) 1 Page - Black Box Registered Trademark

Part # SW-525
Description  Industrial 5 Port PoE 10/100 Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-525 Datasheet(HTML) 1 Page - Black Box Registered Trademark

  SW-525 Datasheet HTML 1Page - Black Box Registered Trademark SW-525 Datasheet HTML 2Page - Black Box Registered Trademark SW-525 Datasheet HTML 3Page - Black Box Registered Trademark SW-525 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 855 958 2502
www.brainboxes.com // sales@brainboxes.com
IP20
Integral DIN mount and slim
design takes up minimal
cabinet space
Non conducting polyamide
casing with removable
numbered power terminal for
easy wiring
Send power and data to
remote CCTV cameras, PoE
telephones, PoE Wifi access
points, NVRs, and more
5 Port (Ports 1-4 PoE+) Unmanaged 10/100 Ethernet Switch DIN Mountable
Industrial 5 Port PoE+ 10/100 Ethernet Switch
SW-525
• 5 port PoE+ 10/100 Fast Ethernet device
• Ports 1-4 PoE+ capable
• Fully compliant to IEEE 802.3af/at
• PoE Power Budget: 90W @ 70ºC between
all 4 PoE ports simultaneously
• Industrial temp range: -40ºC to +70ºC
• Redundant dual power inputs: +44V to
+57V DC
• Compact design with integral DIN
mount
• Allows power and data to be combined
on the same Ethernet cable


Similar Part No. - SW-525

ManufacturerPart #DatasheetDescription
logo
Brainboxes Limited
SW-525 BRAINBOXE-SW-525 Datasheet
2Mb / 7P
SPRING LOADED DIN RAIL MOUNT 35MM WIDTH
More results

Similar Description - SW-525

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2526PI ADVANTECH-EKI-2526PI Datasheet
560Kb / 1P
5-port Industrial PoE Switch
EKI-2525P-BE ADVANTECH-EKI-2525P-BE Datasheet
335Kb / 2P
5-port Industrial PoE Switch
EKI-3725P-AE ADVANTECH-EKI-3725P-AE Datasheet
603Kb / 2P
5-port Gigabit Unmanaged PoE Industrial Ethernet Switch
logo
ORing Industrial Networ...
IGPS-1082GP ORING-IGPS-1082GP Datasheet
319Kb / 5P
Industrial 10-port unmanaged Gigabit PoE Ethernet switch
IPS-3082GC-24V ORING-IPS-3082GC-24V Datasheet
1Mb / 4P
Industrial 10-port managed PoE Ethernet switch
IPS-3082GC-AT ORING-IPS-3082GC-AT Datasheet
1Mb / 4P
Industrial 10-port managed PoE Ethernet switch
logo
Advantech Co., Ltd.
EKI-2525P ADVANTECH-EKI-2525P Datasheet
336Kb / 2P
5-port Industrial PoE Switch
23-Aug-2016
logo
Black Box Registered Tr...
PE-505 BLACKBOX-PE-505 Datasheet
8Mb / 19P
Pure Embedded 10/100 5 Port Industrial Ethernet Switch
SW-125 BLACKBOX-SW-125 Datasheet
1Mb / 4P
Embedded Industrial 5 Port PoE Ethernet Switch
SW-725 BLACKBOX-SW-725 Datasheet
1Mb / 4P
Hardened Industrial 5 Port PoE Ethernet Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com