Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-584 Datasheet(PDF) 1 Page - Black Box Registered Trademark

Part # SW-584
Description  INDUSTRIAL 1 SFP & 4 PORT GIGABIT ETHERNET SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-584 Datasheet(HTML) 1 Page - Black Box Registered Trademark

  SW-584 Datasheet HTML 1Page - Black Box Registered Trademark SW-584 Datasheet HTML 2Page - Black Box Registered Trademark SW-584 Datasheet HTML 3Page - Black Box Registered Trademark SW-584 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 (919) 241 8487
www.brainboxes.com // sales@brainboxes.com
• Fast, low cost, future-proof way to deploy
long network segments
• Connect to wide variety of fibre optic and
copper cable types
• High speed data connection over extended
distances
• Reduce susceptibility to electromagnetic
interference
• Industrial temperature range: -40ºC to
+80ºC/-40ºF to +176ºF - works in extreme
conditions
• Jumbo Frame support up to 9K frames
• Integral DIN mount
• SFP Port Power Overcurrent protection
Integral DIN mount and slim
design takes up minimal
cabinet space
Long link lengths: expand
Ethernet network beyond
100m and completely
eliminate Ground loops
Fibre cables are immune
to any electrical/magnetic
interference, and require no
cumbersome isolation devices
to guard against high EMI/RFI
or lightning strikes
INDUSTRIAL 1 SFP & 4 PORT GIGABIT ETHERNET SWITCH
(SFP module not included)
SW-584


Similar Part No. - SW-584

ManufacturerPart #DatasheetDescription
logo
Brainboxes Limited
SW-504 BRAINBOXE-SW-504 Datasheet
1Mb / 4P
4 Port Unmanaged Ethernet Switch DIN Mountable
SW-504 BRAINBOXE-SW-504 Datasheet
2Mb / 7P
SPRING LOADED DIN RAIL MOUNT 35MM WIDTH
SW-505 BRAINBOXE-SW-505 Datasheet
1Mb / 4P
5 Port Unmanaged Ethernet Switch Compact DIN Mountable
2016
SW-505 BRAINBOXE-SW-505 Datasheet
2Mb / 7P
SPRING LOADED DIN RAIL MOUNT 35MM WIDTH
logo
Black Box Registered Tr...
SW-508 BLACKBOX-SW-508 Datasheet
992Kb / 4P
Industrial 8 Port Ethernet Switch 10/100
More results

Similar Description - SW-584

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-7758F ADVANTECH-EKI-7758F Datasheet
555Kb / 1P
4G4 SFP Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7758F ADVANTECH-EKI-7758F_15 Datasheet
325Kb / 2P
4G4 SFP Gigabit Managed Redundant Industrial Ethernet Switch
logo
Axiomtek Co., Ltd.
EX65000 AXIOMTEK-EX65000 Datasheet
1Mb / 2P
Managed Industrial 8-port Gigabit Ethernet Switch
logo
Advantech Co., Ltd.
EKI-2725-CE ADVANTECH-EKI-2725-CE Datasheet
285Kb / 2P
5-port Gigabit Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IGS-3044GC ORING-IGS-3044GC Datasheet
1Mb / 4P
Industrial 8-port managed Gigabit Ethernet switch
IGS-9084GP ORING-IGS-9084GP Datasheet
4Mb / 5P
Industrial 12-port managed Gigabit Ethernet switch
IGCS-E131GP ORING-IGCS-E131GP Datasheet
844Kb / 3P
Industrial 4-port PCIe unmanaged Gigabit Ethernet switch card
IGCS-E140 ORING-IGCS-E140 Datasheet
909Kb / 3P
Industrial 4-port PCIe unmanaged Gigabit Ethernet switch
logo
Black Box Registered Tr...
SW-114 BLACKBOX-SW-114 Datasheet
1Mb / 4P
EMBEDDED INDUSTRIAL 4 PORT GIGABIT ETHERNET SWITCH
SW-514 BLACKBOX-SW-514 Datasheet
1Mb / 4P
COMPACT INDUSTRIAL 4 PORT GIGABIT ETHERNET SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com