Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-705 Datasheet(PDF) 1 Page - Black Box Registered Trademark

Part # SW-705
Description  Hardened 5 Port Ethernet Switch 10/100
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-705 Datasheet(HTML) 1 Page - Black Box Registered Trademark

  SW-705 Datasheet HTML 1Page - Black Box Registered Trademark SW-705 Datasheet HTML 2Page - Black Box Registered Trademark SW-705 Datasheet HTML 3Page - Black Box Registered Trademark SW-705 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 855 958 2502
www.brainboxes.com // sales@brainboxes.com
IP20
RoHS
RoHS
• 5 Port 10/100 Mbs Ethernet Switch
• Redundant dual power inputs: +5V to
+30V DC
• Compact design with integral DIN
mount
• No software required - Simply plug in
and connect
• Industrial temperature range
Integral DIN mount and slim
design takes up minimal
cabinet space
Tough metal casing with
removable numbered power
terminal for easy wiring
+5 to +30 Volt Power Input
enables the device to be run
from a standard car battery -
ideal for in vehicle applications
5 Port Unmanaged Ethernet Switch Hardened DIN Mountable
Hardened 5 Port Ethernet Switch 10/100
SW-705


Similar Part No. - SW-705

ManufacturerPart #DatasheetDescription
logo
Brainboxes Limited
SW-705 BRAINBOXE-SW-705 Datasheet
1Mb / 4P
Hardened 5 Port Ethernet Switch 10/100
180621
More results

Similar Description - SW-705

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
Unmanaged 5-Port 10/100 Mbps Ethernet Switch
logo
List of Unclassifed Man...
TC9205M ETC1-TC9205M Datasheet
1Mb / 51P
5-Port 10/100/1000 Smart Ethernet Switch
logo
ASIX Electronics Corpor...
AX88655P ASIX-AX88655P Datasheet
844Kb / 40P
5-Port 10/100/1000BASE-T Ethernet Switch
logo
List of Unclassifed Man...
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175C ETC2-IP175C Datasheet
1Mb / 111P
5 Port 10/100 Ethernet Integrated Switch
logo
Axiomtek Co., Ltd.
EX42300 AXIOMTEK-EX42300 Datasheet
437Kb / 3P
Hardened Unmanaged 5/6 port Ethernet Switch
logo
List of Unclassifed Man...
IP175G ETC2-IP175G Datasheet
752Kb / 69P
5 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
5 Port Unmanaged Ethernet Switch 10/100
SW-708 BLACKBOX-SW-708 Datasheet
951Kb / 4P
Hardened 8 Port Ethernet Switch 10/100
SW-725 BLACKBOX-SW-725 Datasheet
1Mb / 4P
Hardened Industrial 5 Port PoE Ethernet Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com