Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0370 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV0370
Description  Terrestrial (ATSC), cable (ITU-T J83B) and out-of-band digital receivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0370 Datasheet(HTML) 1 Page - STMicroelectronics

  STV0370 Datasheet HTML 1Page - STMicroelectronics STV0370 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA BRIEF
December 2004
STV0370
Terrestrial (ATSC), cable (ITU-T J83B) and out-of-band
digital receivers
Rev. 1
DESCRIPTION
STMicroelectronics presents the STV0370, a
single-chip, fully integrated, ATSC, cable (ITU-T
J83B) and out-of-band digital demodulator and
tuner.
Combining this digital demodulator with the
STi7710,
the
industry-leading
set-top
box
decoder, leads to the lowest cost platform
available on the market.
This solution meets the requirements of multiple
digital TV standards worldwide.
STV0370 is the ideal front-end IC required to fulfill
US digital TV standards. It provides transport
stream interface for in-band video (ATSC or cable)
and out-of-band downstream data channel.
STV0370 is part of a complete set-top box
reference design including the STi7710 (HD-7710
brick).
Package (LQFP 128 pins)
Figure 1. STV0370 optimized front-end IC for US digital TV
xxxx
STi7710
DDRAM
MAFE
PSTN
IR
Tx/Rx
Smart
cards
STV0370
RGB/YPbPr/
HDMI
Tuner
STi7710
128 Mbit
VSB
demodulator
and FEC
Transport
stream in
CVBS/YC
VCR
NOR
flash


Similar Part No. - STV0370

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0360 STMICROELECTRONICS-STV0360 Datasheet
94Kb / 2P
COFDM demodulators IC for terrestrial TV set-top box
October 2004 Rev. 1
STV0360-EVAL STMICROELECTRONICS-STV0360-EVAL Datasheet
94Kb / 2P
COFDM demodulators IC for terrestrial TV set-top box
October 2004 Rev. 1
STV0361 STMICROELECTRONICS-STV0361 Datasheet
94Kb / 2P
COFDM demodulators IC for terrestrial TV set-top box
October 2004 Rev. 1
STV0361-EVAL STMICROELECTRONICS-STV0361-EVAL Datasheet
94Kb / 2P
COFDM demodulators IC for terrestrial TV set-top box
October 2004 Rev. 1
STV0362 STMICROELECTRONICS-STV0362 Datasheet
77Kb / 3P
Low-power and ultra compact DVB-T single chip receiver DVB-H broadcast compliant
10-Mar-2006
More results

Similar Description - STV0370

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8961 PHILIPS-TDA8961 Datasheet
157Kb / 36P
ATSC Digital Terrestrial TV demodulator/decoder
2000 May 19
logo
NEC
UPC3220GR NEC-UPC3220GR Datasheet
213Kb / 9P
CATV OUT-OF-BAND TUNER
logo
List of Unclassifed Man...
ISG510065 ETC-ISG510065 Datasheet
231Kb / 8P
CATV OUT-OF-BAND TUNER
logo
Broadcom Corporation.
BCM3517 BOARDCOM-BCM3517 Datasheet
82Kb / 2P
ATSC/VSB DIGITAL CABLE READY DTV RECEIVER
BCM3517 BOARDCOM-BCM3517_06 Datasheet
189Kb / 2P
ATSC/VSB DIGITAL CABLE READY DTV RECEIVER
logo
SIRENZA MICRODEVICES
S510065 SIRENZA-S510065 Datasheet
170Kb / 7P
CATV OUT-OF- BAND- TUNER
logo
RF Micro Devices
S510075-33Z RFMD-S510075-33Z Datasheet
805Kb / 9P
Out-of-Band Tuner
logo
Bourns Electronic Solut...
TISP7015L1 BOURNS-TISP7015L1_10 Datasheet
635Kb / 1P
ITU-T
logo
RF Micro Devices
RFFC0085 RFMD-RFFC0085 Datasheet
1Mb / 9P
OUT-OF-BAND TUNER
logo
Transko Electronics, In...
TF566200AU-SP TRANSKO-TF566200AU-SP Datasheet
1Mb / 4P
High Out of Band Rejection
Rev. 0: Jul. 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com