Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8037 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 56F8037
Description  16-bit Digital Signal Controllers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8037 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 56F8037 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 180 page
background image
Features
56F8037 Data Sheet, Rev. 2
Freescale Semiconductor
39
Preliminary
3.2 Features
The OCCS module interfaces to the oscillator and PLL and offers these features:
•
Internal relaxation oscillator
•
Ability to power down the internal relaxation oscillator or crystal oscillator
•
Ability to put the internal relaxation oscillator into Standby mode
•
3-bit postscaler provides control for the PLL output
•
Ability to power down the PLL
•
Provides a 2X system clock which operates at twice the system clock to the System Integration Module
(SIM)
•
Provides a 3X system clock which operates at three times the system clock to PWM and Timer modules
•
Safety shutdown feature is available if the PLL reference clock is lost
•
Can be driven from an external clock source
The clock generation module provides the programming interface for the PLL, internal relaxation
oscillator, and crystal oscillator.
3.3 Operating Modes
In 56F8000 family devices, an internal oscillator, an external crystal, or an external clock source can be
used to provide a reference clock to the SIM.
The 2X system clock source output from the OCCS can be described by one of the following equations:
2X system frequency = oscillator frequency
2X system frequency = (oscillator frequency x 8) / (postscaler)
where:
postscaler = 1, 2, 4, 8, 16, or 32
The SIM is responsible for further dividing these frequencies by two, which will insure a 50% duty cycle
in the system clock output.
The 56F8000 family devices’ on-chip clock synthesis module has the following registers:
•
Control Register (OCCS_CTRL)
•
Divide-by Register (OCCS_DIVBY)
•
Status Register (OCCS_STAT)
•
Shutdown Register (OCCS_SHUTDN)
•
Oscillator Control Register (OCCS_OCTRL)
For more information on these registers, please refer to the 56F802x and 56F803x Peripheral Reference
Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com