Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC-R121R3P Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LC-R121R3P
Description  VALVE-REGULATED LEAD ACID BATTERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LC-R121R3P Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LC-R121R3P Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VRLA BATTERIES
NOVEMBER 2002
This information is generally descriptive only and is not intended to make or imply any representation, guarantee or warranty with respect to any cells and batteries. Cell and battery designs/specifications are subject to
modification without notice. Contact Panasonic for the latest information.
VALVE-REGULATED LEAD ACID BATTERIES: INDIVIDUAL DATA SHEET
For main and standby power supplies.
Expected trickle life: 3-5 years at 25°C, Approx. 5 years at 20°C.
LC-R121R3P
Specifications
Characteristics
Dimensions (mm)
Discharge characteristics 77°F (25°C) (Note)
Duration of discharge vs. Discharge current (Note)
Photo/Label for reference only.
(Note) The above characteristics data are average values obtained
within three charge/discharge. Cycles not the minimum values.
Terminal type: Faston 187
Battery case resin: Standard (UL94HB) Color is black.
30
20
15
10
5
4
3
2
1.5
1
50
40
30
20
10
5
3
30
50
100
300
500
1
3
5
10
Discharge current
(mA)
(A)
104˚F (40˚C)
77˚F (25˚C)
5˚F (-15˚C)
32˚F (0˚C)
+
-
1.870 0.039 (47.5 1)
1.213 (30.8)
1.85 (47)
3.819 0.039 (97 1)
+
-
+
-
+
-
3.799 (96.5)
14.4
13.8
13.2
12.6
12.0
11.4
10.8
10.2
9.6
9.0
8.4
7.8
0
1
2
4 6 8 10
20
40 60
2
4 6 8 10 20
40
(Minute)
(Hour)
Duration of discharge
1.3A
0.26A 0.13A 0.065A
Nominal Voltage
Rated Capacity (20 hour rate)
12V
1.3Ah
3.819 inches (97.0 mm)
1.870 inches (47.5 mm)
1.969 inches (50.0 mm)
2.165 inches (55.0 mm)
1.30 lbs. (0.59 kg)
LC-R121R3P
Dimensions
Standard Terminals
and Resin
Length
Width
Height
Total Height
Approx. mass
UL94HB Faston 187
Capacity (note)
77˚F (25˚C)
Self discharge
77˚F (25˚C)
0.6A
102%
100%
85%
65%
20 hour rate (65mA)
10 hour rate (120mA)
5 hour rate (210mA)
1 hour rate (850mA)
1.5 hour rate discharge
Cut-off voltage 10.5 V
1.3Ah
1.2Ah
1.05Ah
0.85Ah
Internal Resistance
Fully charged battery
77˚F (25˚C)
Residual capacity
after standing 3 months
Residual capacity
after standing 6 months
Residual capacity
after standing 12 months
91%
82%
64%
Approx. 90m
Ω
0.52 A or smaller
0.195 A or smaller
Initial current
Control voltage
Initial current
Control voltage
14.5V to 14.9V
(per 12V cell 25˚C)
13.6V to 13.8V
(per 12V cell 25˚C)
104˚F (40˚C)
77˚F (25˚C)
32˚F (0˚C)
5˚F (-15˚C)
Temperature
dependency
of capacity
(20 hour rate)
Charge
Method
(Constant
Voltage)
Cycle use
(Repeating
use)
Trickle use


Similar Part No. - LC-R121R3P

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
LC-R121R3P PANASONICBATTERY-LC-R121R3P Datasheet
33Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
More results

Similar Description - LC-R121R3P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP-RW1245P1 PANASONIC-UP-RW1245P1 Datasheet
90Kb / 1P
Valve Regulated Lead-Acid Batteries
logo
Panasonic Battery Group
LC-P127R2P PANASONICBATTERY-LC-P127R2P Datasheet
38Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
LC-P0612P PANASONICBATTERY-LC-P0612P Datasheet
38Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
LC-PD1217P PANASONICBATTERY-LC-PD1217P Datasheet
38Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
LC-R061R3P PANASONICBATTERY-LC-R061R3P Datasheet
30Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
LC-R121R3P PANASONICBATTERY-LC-R121R3P Datasheet
33Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
LC-R0612P PANASONICBATTERY-LC-R0612P Datasheet
31Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
LC-RA1212P PANASONICBATTERY-LC-RA1212P Datasheet
32Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
LC-RD1217P PANASONICBATTERY-LC-RD1217P Datasheet
32Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
LC-X1228P PANASONICBATTERY-LC-X1228P Datasheet
39Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com