Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM10FA102JO3-RHR02 Datasheet(PDF) 15 Page - Sharma Electro Components,Inc

Part # DM10FA102JO3-RHR02
Description  MICA CAPACITORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM10FA102JO3-RHR02 Datasheet(HTML) 15 Page - Sharma Electro Components,Inc

Back Button DM10FA102JO3-RHR02 Datasheet HTML 10Page - Sharma Electro Components,Inc DM10FA102JO3-RHR02 Datasheet HTML 11Page - Sharma Electro Components,Inc DM10FA102JO3-RHR02 Datasheet HTML 12Page - Sharma Electro Components,Inc DM10FA102JO3-RHR02 Datasheet HTML 13Page - Sharma Electro Components,Inc DM10FA102JO3-RHR02 Datasheet HTML 14Page - Sharma Electro Components,Inc DM10FA102JO3-RHR02 Datasheet HTML 15Page - Sharma Electro Components,Inc DM10FA102JO3-RHR02 Datasheet HTML 16Page - Sharma Electro Components,Inc DM10FA102JO3-RHR02 Datasheet HTML 17Page - Sharma Electro Components,Inc DM10FA102JO3-RHR02 Datasheet HTML 18Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
680 - 1,200
F
0.750
0.510
0.200
1,300 - 1,600
F
0.750
0.510
0.210
1,800 - 2,200
F
0.760
0.520
0.220
2,400
F
0.770
0.530
0.250
2,700
F
0.770
0.540
0.260
3,000
F
0.770
0.540
0.270
3,300
F
0.780
0.550
0.280
3,600
F
0.780
0.550
0.290
3,900
F
0.780
0.560
0.300
4,300
F
0.780
0.560
0.310
0.770
0.540
0.270
4,700
F
0.790
0.560
0.320
0.770
0.540
0.270
5,100
F
0.790
0.570
0.330
0.780
0.550
0.280
5,600
F
0.790
0.570
0.340
0.780
0.550
0.290
6,200
F
0.790
0.580
0.350
0.780
0.560
0.300
0.780
0.550
0.290
6,800
F
0.800
0.590
0.370
0.790
0.560
0.320
0.780
0.560
0.300
7,500
F
0.800
0.600
0.390
0.790
0.570
0.330
0.780
0.560
0.300
8,200
F
0.810
0.610
0.410
0.790
0.570
0.340
0.780
0.560
0.310
9,100
F
0.810
0.620
0.430
0.800
0.580
0.360
0.790
0.570
0.330
10,000
F
0.820
0.630
0.450
0.800
0.590
0.370
0.790
0.570
0.340
11,000
F
0.800
0.590
0.380
0.790
0.580
0.350
12,000
F
0.810
0.600
0.400
0.800
0.580
0.360
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
680 - 1,200
F
19.05
12.95
5.08
1,300 - 1,600
F
19.05
12.95
5.33
1,800 - 2,200
F
19.30
13.21
5.59
2,400
F
19.56
13.46
6.35
2,700
F
19.56
13.72
6.60
3,000
F
19.56
13.72
6.86
3,300
F
19.81
13.97
7.11
3,600
F
19.81
13.97
7.37
3,900
F
19.81
14.22
7.62
4,300
F
19.81
14.22
7.87
19.56
13.72
6.86
4,700
F
20.07
14.22
8.13
19.56
13.72
6.86
5,100
F
20.07
14.48
8.38
19.81
13.97
7.11
5,600
F
20.07
14.48
8.64
19.81
13.97
7.37
6,200
F
20.07
14.73
8.89
19.81
14.22
7.62
19.81
13.97
7.37
6,800
F
20.32
14.99
9.40
20.07
14.22
8.13
19.81
14.22
7.62
7,500
F
20.32
15.24
9.91
20.07
14.48
8.38
19.81
14.22
7.62
8,200
F
20.57
15.49
10.41
20.07
14.48
8.64
19.81
14.22
7.87
9,100
F
20.57
15.75
10.92
20.32
14.73
9.14
20.07
14.48
8.38
10,000
F
20.83
16.00
11.43
20.32
14.99
9.40
20.07
14.48
8.64
11,000
F
20.32
14.99
9.65
20.07
14.73
8.89
12,000
F
20.57
15.24
10.16
20.32
14.73
9.14
DM 20 Mica Capacitors
DM20
Case
Dimensions
in Inches
Lead Spacing:
0.438 ±0.031”
DM20
Case
Dimensions
in Millimeters
Lead Spacing:
11.11 ± 0.8mm
Note: Bold Outlined Sections indicate
SHARMA Standard items.
DIMENSIONS:
LL = 31.75 mm (1.25”) min.
Sharma Mica Capacitors
Page 15
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com