Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD9012J Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CD9012J
Description  PNP SILICON PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CD9012J Datasheet(HTML) 1 Page - Continental Device India Limited

  CD9012J Datasheet HTML 1Page - Continental Device India Limited CD9012J Datasheet HTML 2Page - Continental Device India Limited CD9012J Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR TRANSISTOR
CD9012
TO-92
CBE
General Purpose Audio Amplifier Applications.
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCEO
30
V
Collector -Base Voltage
VCBO
40
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
500
mA
Collector Power Dissipation
PC
625
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=1mA, IB=0
30
-
-
V
Collector -Base Voltage
VCBO
IC=100uA, IE=0
40
-
-
V
Emitter Base Voltage
VEBO
IE=100uA, IC=0
5.0
-
-
V
Collector Cut off Current
ICBO
VCB=25V, IE=0
-
-
100
nA
Emitter Cut off Current
IEBO
VEB=3V, IC=0
-
-
100
nA
DC Current Gain
hFE
IC=50mA,VCE=1V *
64
-
465
IC=500mA,VCE=1V
40
Collector Emitter Saturation Voltage
VCE(Sat)
IC=150mA,IB=15mA
-
-
0.20
V
IC=500mA,IB=50mA
-
-
0.60
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=150mA,IB=15mA
-
-
1.0
V
IC=500mA,IB=50mA
-
-
1.2
V
Dynamic Characteristics
Output Capacitance
Cob
VCB=10V,f=1MHz
-
-
10
pF
Transition Frequency
ft
VCE=10V, IC=50mA,
200
-
-
MHz
f=100MHz
Noise Figure
NF
VCE=10V, IC=1mA
-
-
6.0
dB
f=1KHz
hFE CLASSIFICATION *
D/E/F= 64 t G/H/I= 118 to 305:
J 278 to 465
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CD9012J

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CD9011 CDIL-CD9011 Datasheet
174Kb / 3P
NPN SILICON PLANAR TRANSISTOR
CD9011 CDIL-CD9011 Datasheet
226Kb / 2P
TO-92 Plastic Package Transistors (NPN)
CD9011D CDIL-CD9011D Datasheet
226Kb / 2P
TO-92 Plastic Package Transistors (NPN)
CD9011E CDIL-CD9011E Datasheet
226Kb / 2P
TO-92 Plastic Package Transistors (NPN)
CD9011F CDIL-CD9011F Datasheet
226Kb / 2P
TO-92 Plastic Package Transistors (NPN)
More results

Similar Description - CD9012J

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD330 SIEMENS-BD330 Datasheet
87Kb / 3P
PNP SILICON PLANAR TRANSISTOR
BF939 SIEMENS-BF939 Datasheet
33Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N4036 BOCA-2N4036 Datasheet
46Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
List of Unclassifed Man...
CD9015 ETC1-CD9015 Datasheet
88Kb / 3P
PNP SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
CMBT9015 CDIL-CMBT9015 Datasheet
172Kb / 3P
PNP SILICON PLANAR TRANSISTOR
2N4036 CDIL-2N4036 Datasheet
125Kb / 2P
PNP SILICON PLANAR TRANSISTOR
2N995 CDIL-2N995 Datasheet
175Kb / 4P
PNP SILICON PLANAR TRANSISTOR
BFX30 CDIL-BFX30 Datasheet
137Kb / 4P
PNP SILICON PLANAR TRANSISTOR
BCX23 CDIL-BCX23 Datasheet
95Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX37 NJSEMI-BFX37 Datasheet
86Kb / 2P
PNP SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com