Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2702 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2702
Description  3D SURROUND AUDIO PROCESSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2702 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2702 Datasheet HTML 2Page - New Japan Radio NJM2702 Datasheet HTML 3Page - New Japan Radio NJM2702 Datasheet HTML 4Page - New Japan Radio NJM2702 Datasheet HTML 5Page - New Japan Radio NJM2702 Datasheet HTML 6Page - New Japan Radio NJM2702 Datasheet HTML 7Page - New Japan Radio NJM2702 Datasheet HTML 8Page - New Japan Radio NJM2702 Datasheet HTML 9Page - New Japan Radio NJM2702 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM2702
-7 -
s
s
s
sAPPLICATION CIRCUIT
Parts No.
Value
Tolerance
Parts No.
Value
Tolerance
R1
10k
Ω
5%
C3
1
µF
20%
C1
0.0047
µF
5%
C4
100
µF
20%
C2,C5,C6,C7,C8,C9
10
µF
20%
C2
10uF/50V
2
3
4
5
1
9
8
7
6
10
50K
Surround VR
C2
10uF/50V
7
2
3
4
5
6
1
8
13
12
11
10
9
14
50KB
Surround VR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com