Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM10FA102KO3-RHR02 Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # DM10FA102KO3-RHR02
Description  MICA CAPACITORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM10FA102KO3-RHR02 Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  DM10FA102KO3-RHR02 Datasheet HTML 1Page - Sharma Electro Components,Inc DM10FA102KO3-RHR02 Datasheet HTML 2Page - Sharma Electro Components,Inc DM10FA102KO3-RHR02 Datasheet HTML 3Page - Sharma Electro Components,Inc DM10FA102KO3-RHR02 Datasheet HTML 4Page - Sharma Electro Components,Inc DM10FA102KO3-RHR02 Datasheet HTML 5Page - Sharma Electro Components,Inc DM10FA102KO3-RHR02 Datasheet HTML 6Page - Sharma Electro Components,Inc DM10FA102KO3-RHR02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM10FA102KO3-RHR02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM10FA102KO3-RHR02 Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Quick Reference
Series
Features
Page
DM05
Lead Spacing: 3.05 +/-0.8 mm
7
DM10
Lead Spacing: 3.57 +/-0.8 mm
9
DM12
Lead Spacing: 5.00 +/-0.8 mm
10
DM15
Lead Spacing: 5.95 +/-0.8 mm
11
DM19
Lead Spacing: 8.73 +/-0.8 mm
13
DM20
Lead Spacing: 11.11 +/-0.8 mm
15
DM30
Lead Spacing: 11.11 +/-0.8 mm High Capacitance
17
DM42
Lead Spacing: 26.99 +/-0.8 mm High Capacitance
17
Packaging Specifications
18
Sharma Mica Capacitors
Page 1
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Part No. - DM10FA102KO3-RHR02

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
Mica Capacitors
logo
Pepperl+Fuchs Inc.
DM10-10NDFEB PF-DM10-10NDFEB Datasheet
341Kb / 2P
Magnet
logo
Extech Instruments Corp...
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
Pocket Multimeter 4000 Count Autoranging DMM
logo
Power-One
DM1001-7R POWER-ONE-DM1001-7R Datasheet
146Kb / 4P
50 Watt DC-DC Converters
logo
MicroPower Direct, LLC
DM100E MPD-DM100E Datasheet
217Kb / 2P
UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
More results

Similar Description - DM10FA102KO3-RHR02

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM05 SHARMA-DM05 Datasheet
192Kb / 17P
MICA CAPACITORS
logo
Cornell Dubilier Electr...
CMR03E220DOYR CDE-CMR03E220DOYR Datasheet
888Kb / 5P
HIGH - RELIABILITY, MICA CAPACITORS
CD10CD010DO3F CDE-CD10CD010DO3F Datasheet
292Kb / 6P
Mica Capacitors, Standard Dipped
logo
Sharma Electro Componen...
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
Mica Capacitors
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
Mica Capacitors
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
Mica Capacitors
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
Mica Capacitors
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
Mica Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com