Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDD-A813RI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LDD-A813RI
Description  0.80 SEVEN SEGMENT, DUAL DIGIT DISPLAY, 585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS, COMMON ANODE, RIGHT DECIMAL PLACES.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LDD-A813RI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LDD-A813RI Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - LDD-A813RI

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDD-A812RI LUMEX-LDD-A812RI Datasheet
127Kb / 1P
0.80 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A814RI LUMEX-LDD-A814RI Datasheet
59Kb / 1P
0.80 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A816RI LUMEX-LDD-A816RI Datasheet
58Kb / 1P
0.80 SEVEN SEGMENT, DUAL DIGIT DISPLAY
More results

Similar Description - LDD-A813RI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDS-A512RI ETC1-LDS-A512RI Datasheet
72Kb / 1P
0.56 SEVEN SEGMENT, SINGLE DIGIT DISPLAY, 565nm GREEN, GRAY FACE WITH WHITE SEGMENTS, COMMON ANODE, RIGHT DECIMAL.
LDD-M514RI-RA ETC1-LDD-M514RI-RA Datasheet
47Kb / 1P
0.56nm SEVEN SEGMENT, DUAL DIGIT DISPLAY, 635nm RED CHIPS, GRAY FACE WITH WHITE SEGMENTS, COMMON ANODE, RIGHT DECIMAL PLACES, RIGHT ANGLE LEADS.
LDD-A516RI ETC1-LDD-A516RI Datasheet
59Kb / 1P
0.56inch SEVEN SEGMENT, DUAL DIGIT DISPLAY, 660nm RED CHIPS, GRAY FACE WITH WHITE SEGMENTS, COMMON ANODE, RIGHT DECIMAL PLACE.
LDS-A303RI ETC1-LDS-A303RI Datasheet
67Kb / 1P
0.30 SEVEN SEGMENT DISPLAY, 585nm YELLOW, GRAY FONT/WHITE SEGMENTS, COMMON ANODE
LDD-A5642RI ETC2-LDD-A5642RI Datasheet
46Kb / 1P
0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY, 585nm GREEN CHIPS, WITH MILKY WHITE DIFFUSED SEGMENTS, GRAY FACE
logo
LUMEX INC.
LDS-C403RI LUMEX-LDS-C403RI Datasheet
44Kb / 1P
585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDS-C813RI LUMEX-LDS-C813RI Datasheet
75Kb / 1P
585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDS-A303RI LUMEX-LDS-A303RI Datasheet
58Kb / 1P
585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDS-A323RI LUMEX-LDS-A323RI Datasheet
77Kb / 1P
585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDS-A353RI LUMEX-LDS-A353RI Datasheet
78Kb / 1P
585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com