Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-HASPC Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # PS-HASPC
Description  HIGH ACCURACY HUMIDITY / TEMPERATURE TRANSMITTER C/W SETPOINT ADJUSTMENTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

PS-HASPC Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  PS-HASPC Datasheet HTML 1Page - Greystone Energy Systems Inc. PS-HASPC Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-HASPCXXX-03
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
PRODUCT
HASPC
High Accuracy Room Humidity/Temperature Transmitter
PRODUCT PARAMETERS
01
02
04
05
06
Humidity transmitter c/w setpoint control
Temperature transmitter c/w setpoint control
Humidity and temperature transmitter c/w temperature setpoint control
Humidity and temperature transmitter c/w humidity setpoint control
Humidity and temperature transmitter c/w humidity and temperature setpoint control
OUTPUT
I
V
4-20 mA output
0-5 Vdc or 0-10 Vdc output, jumper selectable
ACCURACY (N/A FOR “02”, LEAVE BLANK)
01
02
1.5%
2%
OPTIONS
S
Override switch (includes OCC input)
ORDERING
HASPC
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
WIRING INFORMATION
TERMINAL
FUNCTION
PWR
+24 Vdc/ac
COM
Common
TEMP SET
Analog Output
TEMP OUT
Analog Output
RH SET
Analog Output
RH OUT
Analog Output
SWITCH +
Digital Output
SWITCH -
Digital Output
OCC IN
Digital Input
0001299
SWITCH
UP
DOWN
TEMP SET
TEMP OUT
RH OUT
RH SET
SWITCH -
SWITCH +
MENU
POWER
COMMON
OCC IN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com