Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-HATSDF Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # PS-HATSDF
Description  HIGH ACCURACY FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

PS-HATSDF Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  PS-HATSDF Datasheet HTML 1Page - Greystone Energy Systems Inc. PS-HATSDF Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
HIGH ACCURACY FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE SENSOR
HATSDF SERIES
NOTE: The sensor accuracies listed in the specifications section apply to the sensing element only prior to
product assembly and may not be reflected in the complete assembly.
Due to the measurement uncertainty, it is possible, that the true resistance value of the single delivered
sensor at 0°C can be out of the defined tolerance class. Profiling each assembly to take into consideration
lead wire and the attachment method should be completed.
PRODUCT DESCRIPTION
The high accuracy flexible multi-point duct
temperature sensor utilizes several precision
sensors spaced at equal distances. The probe
is FT-6 plenum rated cable and is available in
various lengths (see ordering chart). All probes are
constructed to provide excellent heat transfer and
a fast response.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The flex-duct average probes are installed through
a hole in the side of the duct to monitor an average
temperature within the duct. Select a probe length
that allows for criss-crossing the duct multiple
times. Install the probes in a straight section of
duct at a suitable distance downstream from any
heating, cooling, or humidification devices. The
cable probe needs to be fastened onto hangers
using tube clamps or wire ties and should be
secured every 100 cm or 3’ maximum to prevent
movement of the wire and prevent wear. If
sensor is to be used in high velocity or vibration
environment use of rigid style duct probe is
recommended.
The enclosure provides mounting tabs for ease
of installation.
SENSOR TYPE
Various Thermistor or RTD
SENSOR ACCURACY
RTD Class A: ±0.15°C (±0.27°F) @ 0°C (32°F)
RTD 1/3 DIN: ±0.1°C (±0.18°F) @ 0°C (32°F)
RTD 1/10 DIN: ±0.03°C (±0.054°F) @ 0°C (32°F)
NTC Thermistor Type 39: ±0.05°C (±0.09°F), 0 to 70°C (32 to 158°F)
NTC Thermistor Type 55: ±0.03°C (±0.054°F), 0 to 70°C (32 to 158°F)
NTC Thermistor Type 40/46: ±0.1°C (±0.18°F), 0 to 70°C (32 to 158°F)
PROBE SENSING RANGE
-20 to 60°C (-4 to 140°F)
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F)
WIRE MATERIAL
FT-6 rated plenum cable, 22 AWG
STANDARD LENGTHS
1800, 3600, 6100, 7200mm
(6’, 12’, 20’, 24’)
ENCLOSURE
ABS, UL94-V0, IP65 (NEMA 4X)
C: includes terminal block
E: same as C, with thread adapter (1/2” NPT to M16), and cable gland fitting
TERMINATION
A: pigtail, 2 or 3 wire
C & E: terminal block, 2 or 3 wire
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
82.5 mm
3.25"
69.8 mm
2.75"
52.0 mm
2.05"
76.2 mm
3.00"
0.5” NPT
Foam Gasket
304 Series S/S Probe
Various Probe Lengths
See Ordering Chart
FT-6 Plenum Rated Cable


Similar Part No. - PS-HATSDF

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATSDC GREYSTONE-PS-HATSDC Datasheet
378Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE SENSOR
PS-HATSDR GREYSTONE-PS-HATSDR Datasheet
282Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE SENSOR
More results

Similar Description - PS-HATSDF

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATDDC GREYSTONE-PS-HATDDC Datasheet
326Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
PS-HATDDF GREYSTONE-PS-HATDDF Datasheet
281Kb / 2P
HIGH ACCURACY FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
PS-HATSDC GREYSTONE-PS-HATSDC Datasheet
378Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE SENSOR
PS-HATSDR GREYSTONE-PS-HATSDR Datasheet
282Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE SENSOR
PS-HATXDC GREYSTONE-PS-HATXDC Datasheet
383Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER
PS-HATXDF GREYSTONE-PS-HATXDF Datasheet
437Kb / 2P
HIGH ACCURACY FLEX-DUCT AVERAGE TEMPERATURE TRANSMITTER
PS-TNDC GREYSTONE-PS-TNDC Datasheet
398Kb / 2P
FLEXIBLE COPPER NETWORK DUCT AVERAGE TEMPERATURE SENSOR
PS-TSDC GREYSTONE-PS-TSDC Datasheet
378Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE SENSOR
PS-TSDF GREYSTONE-PS-TSDF Datasheet
431Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE SENSOR
TNDC GREYSTONE-TNDC Datasheet
398Kb / 2P
FLEXIBLE COPPER NETWORK DUCT AVERAGE TEMPERATURE SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com