Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-HATSOS Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # PS-HATSOS
Description  HIGH ACCURACY OUTSIDE TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

PS-HATSOS Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  PS-HATSOS Datasheet HTML 1Page - Greystone Energy Systems Inc. PS-HATSOS Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
HIGH ACCURACY OUTSIDE TEMPERATURE SENSOR
HATSOS SERIES
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
PRODUCT DESCRIPTION
The high accuracy single point outside air
temperature sensor utilizes a precision sensor. All
probes are constructed to provide excellent heat
transfer, fast response, and are potted to resist
moisture penetration. A compact weatherproof
Polycarbonate enclosure with a hinged and
gasketed cover is provided for ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The outside transmitter should be mounted on an
outside north facing wall, under the eaves which
will provide protection from direct sunlight.
The outside transmitter can be mounted directly
to the building’s wall face using the provided
mounting holes. A 0.85” hole for conduit
connection is provided.
SENSOR TYPE
Various Thermistor or RTD
SENSOR ACCURACY
RTD Class A: ±0.15°C (±0.27°F) @ 0°C (32°F)
RTD 1/3 DIN: ±0.1°C (±0.18°F) @ 0°C (32°F)
RTD 1/10 DIN: ±0.03°C (±0.054°F) @ 0°C (32°F)
NTC Thermistor Type 39: ±0.05°C (±0.09°F), 0 to 70°C (32 to 158°F)
NTC Thermistor Type 55: ±0.03°C (±0.054°F), 0 to 70°C (32 to 158°F)
NTC Thermistor Type 40/46: ±0.1°C (±0.18°F), 0 to 70°C (32 to 158°F)
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
PROBE MATERIAL
Machined aluminum
WIRE MATERIAL
FT-6 rated plenum cable, 22 AWG
ENCLOSURE
A: Polycarbonate, UL94-V0, IP65 (NEMA 4X)
C: same as A, includes terminal block
E: Same as C, with thread adapter (1/2” NPT to M16) and cable gland fitting
TERMINATION
A: Pigtail, 2 or 3 wire
C & E: Terminal block, 2 or 3 wire
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
NOTE: The sensor accuracies listed in the specifications section apply to the sensing element only prior to
product assembly and may not be reflected in the complete assembly.
Due to the measurement uncertainty, it is possible, that the true resistance value of the single delivered
sensor at 0°C can be out of the defined tolerance class. Profiling each assembly to take into consideration
lead wire and the attachment method should be completed.
82.5 mm
3.75"
69.8 mm
2.75"
57.2 mm
2.075"
0.5" NPT
North
OSA Temperature
Sensor


Similar Part No. - PS-HATSOS

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATSAP GREYSTONE-PS-HATSAP Datasheet
317Kb / 2P
HIGH ACCURACY ALL PURPOSE DUCT TEMPERATURE SENSOR
PS-HATSBB GREYSTONE-PS-HATSBB Datasheet
157Kb / 2P
HIGH ACCURACY DUCT TEMPERATURE SENSOR
PS-HATSDC GREYSTONE-PS-HATSDC Datasheet
378Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE SENSOR
PS-HATSDF GREYSTONE-PS-HATSDF Datasheet
431Kb / 2P
HIGH ACCURACY FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE SENSOR
PS-HATSDR GREYSTONE-PS-HATSDR Datasheet
282Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE SENSOR
More results

Similar Description - PS-HATSOS

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
01UT-5A BELIMO-01UT-5A Datasheet
432Kb / 3P
Outside Temperature Sensor
22UT-52 BELIMO-22UT-52 Datasheet
529Kb / 4P
Outside Temperature Sensor
22UT-54 BELIMO-22UT-54 Datasheet
515Kb / 4P
Outside Temperature Sensor
logo
Greystone Energy System...
PS-HAHTOB GREYSTONE-PS-HAHTOB Datasheet
237Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTOS GREYSTONE-PS-HAHTOS Datasheet
238Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HATXOB GREYSTONE-PS-HATXOB Datasheet
239Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE TRANSMITTER WITH SUN/WINDSHIELD
PS-HATXOS GREYSTONE-PS-HATXOS Datasheet
236Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE TRANSMITTER
PS-TNOS GREYSTONE-PS-TNOS Datasheet
255Kb / 2P
OUTSIDE NETWORK TEMPERATURE SENSOR
05/20
TSOB GREYSTONE-TSOB Datasheet
228Kb / 2P
OUTSIDE TEMPERATURE SENSOR
TSOS GREYSTONE-TSOS Datasheet
258Kb / 1P
OUTSIDE TEMPERATURE SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com