Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOA67F Datasheet(PDF) 9 Page - ams AG

Part # LOA67F
Description  SIDELED® Ambient Lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LOA67F Datasheet(HTML) 9 Page - ams AG

Back Button LOA67F Datasheet HTML 5Page - ams AG LOA67F Datasheet HTML 6Page - ams AG LOA67F Datasheet HTML 7Page - ams AG LOA67F Datasheet HTML 8Page - ams AG LOA67F Datasheet HTML 9Page - ams AG LOA67F Datasheet HTML 10Page - ams AG LOA67F Datasheet HTML 11Page - ams AG LOA67F Datasheet HTML 12Page - ams AG LOA67F Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LO A67F
DATASHEET
DATASHEET
9 | Version 1.9 | 2022-09-01
Forward current 6), 7)
I
F = f(VF); TS = 25 °C
OHL02665
mA
100
V
101
2
10
IF
VF
2.3
1.51.7
1.92.1
2.5
amber, orange
yellow
super red, red
Relative Luminous Intensity 6), 7)
I
v/Iv(30 mA) = f(IF); TS = 25 °C
OHL02812
IF
I
IV (30 mA)
V
10
10
5
2
10
mA
01
0
10
101
10-1
5
10-2
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com