Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRT67F Datasheet(PDF) 17 Page - ams AG

Part # LRT67F
Description  First SMT LED with integrated reflector.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LRT67F Datasheet(HTML) 17 Page - ams AG

Back Button LRT67F Datasheet HTML 13Page - ams AG LRT67F Datasheet HTML 14Page - ams AG LRT67F Datasheet HTML 15Page - ams AG LRT67F Datasheet HTML 16Page - ams AG LRT67F Datasheet HTML 17Page - ams AG LRT67F Datasheet HTML 18Page - ams AG LRT67F Datasheet HTML 19Page - ams AG LRT67F Datasheet HTML 20Page - ams AG LRT67F Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LR T67F
17 Version 1.2 | 2019-09-24
Chip Technology:
1: TSN
3: standard InGaN
4: AlGaAs
5: HOP 2000
6: Standard InGalP
9: TSN low current
B: HOP 2000
C: ATON
D: Small ThinGaN/ Thinfilm (e.g. 6mil)
F: Thinfilm InGaAlP
G: ThinGaN(Thinfilm InGaN)
K: InGaAlP low current
S: standard InGaN low current
0: TSN
´
Encapsulant Type / Lens Properties
7:
Colorless clear or white volume conversion
(resin encapsulation)
S:
Silicone (with or without diffuser)
Wavelength
Emission Color
Color coordinates according
(λdom typ.)
CIE 1931/Emission color:
A:
617 nm
amber
W:
white
S:
633 nm
super red
UW: ultra white
T:
528 nm
true green
CB:
color on demand blue
Y:
587 nm
yellow
CG:
color on demand green
O:
606 nm
orange
CL:
color on demand lagune
G:
570 nm
green
P:
560 nm
pure green
R:
625 nm
red
B:
470 nm
blue
H:
645 nm
hyper-red
V:
505 nm
verde green
L:
Light
emitting
diode
Package Type
T:
TOPLED
Lead / Package Properties
6:
folded leads
7:
reverse gullwing leads
T:
folded leads, improved corrosion stability
Au-LF), w/o TiO2 jetting
V:
folded leads and UX:3 w/ improved
corrosion stability (Au-LF), TiO2 jetting
Type Designation System
L
A
T
6
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com