Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP476 Datasheet(PDF) 19 Page - ams AG

Part # LSP476
Description  With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LSP476 Datasheet(HTML) 19 Page - ams AG

Back Button LSP476 Datasheet HTML 15Page - ams AG LSP476 Datasheet HTML 16Page - ams AG LSP476 Datasheet HTML 17Page - ams AG LSP476 Datasheet HTML 18Page - ams AG LSP476 Datasheet HTML 19Page - ams AG LSP476 Datasheet HTML 20Page - ams AG LSP476 Datasheet HTML 21Page - ams AG LSP476 Datasheet HTML 22Page - ams AG LSP476 Datasheet HTML 23Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
LS P476
19 Version 1.2 | 2019-07-15
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet falls into the class exempt group (exposure time 10000 s). Under real circumstances (for expo-
sure time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the
eye exists from these devices. As a matter of principle, however, it should be mentioned that intense light
sources have a high secondary exposure potential due to their blinding effect. When looking at bright light
sources (e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irrita-
tion, annoyance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
For further application related information please visit www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com