Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSYT67B-R2S2-1+S2T2-26 Datasheet(PDF) 4 Page - ams AG

Part # LSYT67B-R2S2-1+S2T2-26
Description  Enhanced Optical Power LED Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LSYT67B-R2S2-1+S2T2-26 Datasheet(HTML) 4 Page - ams AG

  LSYT67B-R2S2-1+S2T2-26 Datasheet HTML 1Page - ams AG LSYT67B-R2S2-1+S2T2-26 Datasheet HTML 2Page - ams AG LSYT67B-R2S2-1+S2T2-26 Datasheet HTML 3Page - ams AG LSYT67B-R2S2-1+S2T2-26 Datasheet HTML 4Page - ams AG LSYT67B-R2S2-1+S2T2-26 Datasheet HTML 5Page - ams AG LSYT67B-R2S2-1+S2T2-26 Datasheet HTML 6Page - ams AG LSYT67B-R2S2-1+S2T2-26 Datasheet HTML 7Page - ams AG LSYT67B-R2S2-1+S2T2-26 Datasheet HTML 8Page - ams AG LSYT67B-R2S2-1+S2T2-26 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2012-11-14
4
LSY T67B
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
super red
yellow
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 30 mA
peak
645
594
nm
Dominantwellenlänge
5) Seite 15
Dominant wavelength
5) page 15
I
F = 30 mA
dom
633
± 6
587*
–7/+8
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
I
F = 30 mA

15
15
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
120
120
Grad
deg.
Durchlassspannung
6) Seite 15
(min.)
Forward voltage
6) page 15
(typ.)
I
F = 30 mA
(max.)
V
F
V
F
V
F
1.8
2.1
2.4
1.8
2.1
2.4
V
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 12 V
I
R
I
R
0.01
10
0.01
10
A
A
Temperaturkoeffizient von
peak
(typ.)
Temperature coefficient of
peak
I
F = 30 mA; –10°C T 100°C
TCpeak
0.15
0.13
nm/K
Temperaturkoeffizient von
dom
(typ.)
Temperature coefficient of
dom
I
F = 30 mA; –10°C T 100°C
TCdom
0.05
0.10
nm/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F = 30 mA; –10°C T 100°C
TC
V
– 3.4
– 3.7
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 30 mA
opt
14
20
lm/W
* Einzelgruppen siehe Seite 5
Individual groups on page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com