Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSYT67B-R2T2-1+S2U2-26 Datasheet(PDF) 8 Page - ams AG

Part # LSYT67B-R2T2-1+S2U2-26
Description  Enhanced Optical Power LED Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LSYT67B-R2T2-1+S2U2-26 Datasheet(HTML) 8 Page - ams AG

Back Button LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 4Page - ams AG LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 5Page - ams AG LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 6Page - ams AG LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 7Page - ams AG LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 8Page - ams AG LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 9Page - ams AG LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 10Page - ams AG LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 11Page - ams AG LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LSY T67B
2012-11-14
8
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 25 °C
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 85 °C
0
OHL00012
˚C
T
0
20
40
60
80
100
F
Ι
1 chip on
temp. ambient
T
A
2 chips on
20
40
60
mA
0.2
10
0.5
10
0.04
0.02
0
0.06
0.08
-2
-3
-4
-5
10
10
10
1
0.10
0.12
F
I
A
0.16
P
t
=
D
T
0.05
2
1
0
-1 10
tp
10 s 10
0.1
0.02
0.005
0.01
OHL02302
D
T
t
P
=
I
F
0
0
60
20
40
T temp. solder point
S
˚C
80
100
T
20
40
F
Ι
mA
60
OHL00020
1 and 2 Chips on
0.2
10
0.5
10
0.04
0.02
0
0.06
0.08
-2
-3
-4
-5
10
10
10
1
0.10
0.12
F
I
A
0.16
P
t
=
D
T
0.05
2
1
0
-1 10
tp
10 s 10
0.1
0.02
0.005
0.01
OHL02303
D
T
t
P
=
I
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com