Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF369 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF369
Description  VHF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF369 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF369 Datasheet HTML 1Page - NXP Semiconductors BLF369 Datasheet HTML 2Page - NXP Semiconductors BLF369 Datasheet HTML 3Page - NXP Semiconductors BLF369 Datasheet HTML 4Page - NXP Semiconductors BLF369 Datasheet HTML 5Page - NXP Semiconductors BLF369 Datasheet HTML 6Page - NXP Semiconductors BLF369 Datasheet HTML 7Page - NXP Semiconductors BLF369 Datasheet HTML 8Page - NXP Semiconductors BLF369 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BLF369_2
© NXP B.V. 2006. All rights reserved.
Objective data sheet
Rev. 02 — 8 December 2006
2 of 13
NXP Semiconductors
BLF369
VHF power LDMOS transistor
2.
Pinning information
[1]
Connected to flange.
3.
Ordering information
4.
Limiting values
5.
Thermal characteristics
[1]
Tj is the junction temperature.
[2]
Rth(j-case) and Rth(j-h) are measured under RF conditions.
[3]
Rth(j-h) is dependent on the applied thermal compound and clamping/mounting of the device.
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
drain1
2
drain2
3
gate1
4
gate2
5
source
[1]
5
12
4
3
4
3
5
1
2
sym117
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BLF369
-
flanged LDMOST ceramic package; 2 mounting holes;
4 leads
SOT800-2
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
65
V
VGS
gate-source voltage
−0.5
+13
V
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
200
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-case)
thermal resistance from junction to case
Tj = 200 °C
[1][2] 0.26
K/W
Rth(j-h)
thermal resistance from junction to heatsink Tj = 200 °C
[1][2][3] 0.35
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com