Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC06AD Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC06AD
Description  Hex inverter with open-drain outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC06AD Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC06AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC06AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC06AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC06AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC06AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC06AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC06AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC06AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC06AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
74LVC06A
Hex inverter with open-drain outputs
Rev. 7 — 4 August 2020
Product data sheet
1. General description
The 74LVC06A provides six inverting buffers. The outputs are open-drain and can be connected to
other open-drain outputs to implement active-LOW wired-OR or active-HIGH wired-AND functions.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these devices
as translators in mixed 3.3 V and 5 V applications.
2. Features and benefits
• 5 V tolerant inputs and outputs (open-drain) for interfacing with 5 V logic
• Wide supply voltage range from 1.2 V to 5.5 V
• CMOS low power consumption
• Direct interface with TTL levels
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC06AD
-40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74LVC06APW
-40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74LVC06ABQ
-40 °C to +125 °C
DHVQFN14 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 14 terminals;
body 2.5 × 3 × 0.85 mm
SOT762-1


Similar Part No. - 74LVC06AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC06AD PHILIPS-74LVC06AD Datasheet
71Kb / 16P
Hex inverter with open-drain outputs
2000 Mar 07
logo
Nexperia B.V. All right...
74LVC06AD-Q100 NEXPERIA-74LVC06AD-Q100 Datasheet
223Kb / 12P
Hex inverter with open-drain outputs
logo
ON Semiconductor
74LVC06ADR2G ONSEMI-74LVC06ADR2G Datasheet
94Kb / 7P
Low-Voltage CMOS Hex Inverter
December, 2015 ??Rev. 0
74LVC06ADTR2G ONSEMI-74LVC06ADTR2G Datasheet
94Kb / 7P
Low-Voltage CMOS Hex Inverter
December, 2015 ??Rev. 0
More results

Similar Description - 74LVC06AD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC05 NSC-54AC05 Datasheet
113Kb / 6P
Hex Inverter with Open Drain Outputs
logo
NXP Semiconductors
74LVC06A PHILIPS-74LVC06A Datasheet
71Kb / 16P
Hex inverter with open-drain outputs
2000 Mar 07
logo
System Logic Semiconduc...
SL74HC05 SLS-SL74HC05 Datasheet
35Kb / 5P
Hex Inverter with Open-Drain Outputs
logo
Fairchild Semiconductor
74AC05 FAIRCHILD-74AC05 Datasheet
33Kb / 4P
Hex Inverter with Open Drain Outputs
logo
KODENSHI_AUK CORP.
KK74HC05A KODENSHI-KK74HC05A Datasheet
286Kb / 6P
Hex Inverter with Open-Drain Outputs
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
logo
NXP Semiconductors
74HC05 NXP-74HC05 Datasheet
90Kb / 13P
Hex inverter with open-drain outputs
Rev. 02-18 June 2009
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A_13 Datasheet
123Kb / 6P
Hex Inverter with Open Drain Outputs
May, 2013 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
Hex inverter with open-drain outputs
74HC05-Q100 NEXPERIA-74HC05-Q100 Datasheet
858Kb / 15P
Hex inverter with open-drain outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com