Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC11 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC11
Description  Triple 3-input AND gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC11 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC11 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
74LVC11
Triple 3-input AND gate
4. Functional diagram
mna793
3Y
3C
11
3B
10
3A
9
2C
5
2B
4
2A
3
1C
13
1B
2
1A
1
8
2Y
6
1Y
12
Fig. 1. Logic symbol
mna792
12
&
&
&
6
8
13
2
1
5
4
3
11
10
9
Fig. 2. IEC logic symbol
mna794
A
B
C
Y
Fig. 3. Logic diagram for one gate
5. Pinning information
5.1. Pinning
74LVC11
1A
VCC
1B
1C
2A
1Y
2B
3C
2C
3B
2Y
3A
GND
3Y
001aad043
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 4. Pin configuration for
SOT108-1 (SO14)
74LVC11
1A
VCC
1B
1C
2A
1Y
2B
3C
2C
3B
2Y
3A
GND
3Y
aaa-027674
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 5. Pin configuration for SOT337-1 (SSOP14) and SOT402-1 (TSSOP14)
001aad044
74LVC11
GND(1)
Transparent top view
2Y
3A
2C
3B
2B
3C
2A
1Y
1B
1C
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
(1) This is not a ground pin. There is no electrical or mechanical requirement to solder the pad. In case soldered,
the solder land should remain floating or connected to GND.
Fig. 6. Pin configuration for SOT762-1 (DHVQFN14)
74LVC11
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 8 — 13 January 2020
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com