Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G126DP Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G126DP
Description  Dual bus buffer/line driver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G126DP Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC2G126DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G126DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G126DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G126DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G126DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G126DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G126DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G126DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G126DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Nexperia
74LVC2G126
Dual bus buffer/line driver; 3-state
6. Pinning information
6.1. Pinning
74LVC2G126
1OE
VCC
1A
2OE
2Y
1Y
GND
2A
001aab740
1
2
3
4
6
5
8
7
Fig. 3. Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
74LVC2G126
1Y
2OE
VCC
2A
2Y
1A
1OE
GND
001aab741
3
6
2
7
1
8
4
5
Transparent top view
Fig. 4. Pin configuration SOT833-1, SOT1089, SOT1116
and SOT1203 (XSON8)
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
1OE, 2OE
1, 7
output enable input (active HIGH)
1A, 2A
2, 5
data input
1Y, 2Y
6, 3
data output
GND
4
ground (0 V)
VCC
8
supply voltage
7. Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Input
Output
nOE
nA
nY
H
L
L
H
H
H
L
X
Z
74LVC2G126
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 15 — 28 April 2020
3 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com