Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC4066D Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC4066D
Description  Quad bilateral switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC4066D Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC4066D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC4066D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC4066D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC4066D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC4066D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC4066D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC4066D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC4066D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC4066D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Nexperia
74LVC4066
Quad bilateral switch
8. Recommended operating conditions
Table 5. Recommended operating conditions
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
1.65
-
5.5
V
VI
input voltage
0
-
5.5
V
VSW
switch voltage
[1]
0
-
VCC
V
Tamb
ambient temperature
-40
-
+125
°C
VCC = 1.65 V to 2.7 V
[2]
-
-
20
ns/V
Δt/ΔV
input transition rise and fall rate
VCC = 2.7 V to 5.5 V
[2]
-
-
10
ns/V
[1] To avoid sinking GND current from terminal nZ when switch current flows in terminal nY, the voltage drop across the bidirectional
switch must not exceed 0.4 V. If the switch current flows into terminal nZ, no GND current will flow from terminal nY. In this case, there
is no limit for the voltage drop across the switch.
[2] Applies to control signal levels.
9. Static characteristics
Table 6. Static characteristics
At recommended operating conditions voltages are referenced to GND (ground = 0 V).
-40 °C to +85 °C
-40 °C to
+125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
VCC = 1.65 V to 1.95 V
0.65VCC
-
-
0.65VCC
-
V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
0.7VCC
-
-
0.7VCC
-
V
VCC = 1.65 V to 1.95 V
-
-
0.35VCC
-
0.35VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
-
0.3VCC V
II
input leakage
current
pin nE; VCC = 5.5 V;
VI = 5.5 V or GND
[2]
-
±0.1
±5
-
±20
μA
IS(OFF) OFF-state
leakage current
|VSW| = VCC - GND; VCC = 5.5 V;
see Fig. 6
[2]
-
±0.1
±5
-
±20
μA
IS(ON)
ON-state leakage
current
|VSW| = VCC - GND; VCC = 5.5 V;
see Fig. 7
[2]
-
±0.1
±5
-
±20
μA
ICC
supply current
VI = VCC or GND;
VSW = GND or VCC; VCC = 5.5 V
[2]
-
0.1
10
-
40
μA
ΔICC
additional supply
current
pin nE; VI = VCC - 0.6 V; VCC = 5.5 V;
VSW = GND or VCC
[2]
-
5
500
-
5000 μA
CI
input capacitance
-
12.5
-
-
-
pF
CS(OFF) OFF-state
capacitance
-
8.0
-
-
-
pF
CS(ON) ON-state
capacitance
-
14.0
-
-
-
pF
[1] All typical values are measured at Tamb = 25 °C.
[2] These typical values are measured at VCC = 3.3 V.
74LVC4066
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 6 — 26 March 2020
4 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com