Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC594AD Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC594AD
Description  8-bit shift register with output register
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC594AD Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC594AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC594AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC594AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC594AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC594AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC594AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC594AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC594AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC594AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Nexperia
74LVC594A
8-bit shift register with output register
6. Pinning information
6.1. Pinning
74LVC594A
Q1
VCC
Q2
Q0
Q3
DS
Q4
STR
Q5
STCP
Q6
SHCP
Q7
SHR
GND
Q7S
001aag287
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Fig. 5. Pin configuration SOT109-1 (SO16) and
SOT403-1 (TSSOP16)
001aag288
74LVC594A
Q7
SHR
Q6
SHCP
Q5
STCP
Q4
STR
Q3
DS
Q2
Q0
Transparent top view
GND(1)
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 6. Pin configuration SOT763-1 (DHVQFN16)
6.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
Q0, Q1, Q2, Q3, Q4, Q5, Q6, Q7
15, 1, 2, 3, 4, 5, 6, 7
parallel data output
GND
8
ground (0 V)
Q7S
9
serial data output
SHR
10
shift register reset (active LOW)
SHCP
11
shift register clock input
STCP
12
storage register clock input
STR
13
storage register reset (active LOW)
DS
14
serial data input
VCC
16
supply voltage
74LVC594A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 4 — 3 September 2020
4 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com