Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC823AD Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC823AD
Description  9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC823AD Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC823AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC823AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC823AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC823AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC823AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC823AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC823AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC823AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC823AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Nexperia
74LVC823A
9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
5. Pinning information
5.1. Pinning
74LVC823A
OE
VCC
D0
Q0
D1
Q1
D2
Q2
D3
Q3
D4
Q4
D5
Q5
D6
Q6
D7
Q7
D8
Q8
MR
CE
GND
CP
001aaa845
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
Fig. 5. Pin configuration SO24 (SOT137-1) and
TSSOP24 (SOT355-1)
001aaa846
74LVC823A
Transparent top view
CE
D8
MR
Q8
D7
Q7
D6
Q6
D5
Q5
D4
Q4
D3
Q3
D2
Q2
D1
Q1
D0
Q0
11
14
10
15
9
16
8
17
7
18
6
19
5
20
4
21
3
22
2
23
terminal 1
index area
GND(1)
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 6. Pin configuration SOT815-1 (DHVQFN24)
5.2. Pin description
Table 2. Pin description
Pin
Name
Description
OE
1
output enable input (active LOW)
MR
11
master reset input (active LOW)
D0, D1, D2, D3, D4, D5, D6, D7, D8
2, 3, 4, 5, 6, 7, 8, 9, 10
data input
Q0, Q1, Q2, Q3, Q4, Q5, Q6, Q7, Q8
23, 22, 21, 20, 19, 18, 17, 16, 15
3-state flip-flop output
CP
13
clock input (LOW to HIGH;
edge-triggered)
CE
14
clock enable input (active LOW)
GND
12
ground (0 V)
VCC
24
supply voltage
74LVC823A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 6 — 18 June 2020
4 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com