Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3GU04GS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC3GU04GS
Description  Triple unbuffered inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC3GU04GS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC3GU04GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC3GU04GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC3GU04GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC3GU04GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC3GU04GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC3GU04GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC3GU04GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC3GU04GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC3GU04GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Nexperia
74LVC3GU04
Triple unbuffered inverter
4. Marking
Table 2. Marking codes
Type number
Marking code [1]
74LVC3GU04DP
VU04
74LVC3GU04DC
VU4
74LVC3GU04GT
VU4
74LVC3GU04GN
YD
74LVC3GU04GS
YD
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5. Functional diagram
001aah793
1A
1Y
2A
2Y
3A
3Y
Fig. 1. Logic symbol
1
1
001aah794
1
Fig. 2. IEC logic symbol
mna636
A
Y
100 Ω
VCC VCC
Fig. 3. Logic diagram (one gate)
74LVC3GU04
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 14 — 20 April 2021
2 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com