Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC827AD Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC827AD
Description  10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC827AD Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC827AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC827AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC827AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC827AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC827AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC827AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC827AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC827AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC827AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC827A
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 4 — 25 November 2011
4 of 16
Nexperia
74LVC827A
10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
6.
Functional description
[1]
H = HIGH voltage level
L = LOW voltage level
X = don’t care
Z = high-impedance OFF-state
7.
Limiting values
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
The output voltage ratings may be exceeded if the output current ratings are observed.
[3]
SO24 package: Ptot derates linearly with 8 mW/K above 70 C.
(T)SSOP24 package: Ptot derates linearly with 5.5 mW/K above 60 C.
Table 3.
Function table[1]
Control
Input
Output
OE1
OE2
An
Yn
LL
LL
LL
H
H
XH
XZ
HX
X
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
VI
input voltage
[1]
0.5
+6.5
V
VO
output voltage
output HIGH or LOW state
[2]
0.5
VCC + 0.5
V
output 3-state
[2]
0.5
+6.5
V
IIK
input clamping current
VI <0V
50
-
mA
IOK
output clamping current
VO >VCC or VO <0V
-
50
mA
IO
output current
VO = 0 V to VCC
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[3]
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com