Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-HAHTOS Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # PS-HAHTOS
Description  HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

PS-HAHTOS Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  PS-HAHTOS Datasheet HTML 1Page - Greystone Energy Systems Inc. PS-HAHTOS Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
HAHTOS SERIES
PRODUCT DESCRIPTION
The HAHTOS series uses a highly accurate and
reliable Thermoset Polymer based capacitance
humidity sensor and Platinum RTD temperature
sensor together with state-of-the-art digital
linearization and temperature compensated
circuitry to monitor humidity levels. A hinged,
gasketed weatherproof Polycarbonate enclosure
provides easy of installation and protection from
the elements.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The HAHTOS should be mounted on an outside
North facing wall, under the eaves which will
provide protection from direct sunlight and wind.
The HAHTOS can be mounted directly to the
building’s wall face using the two provided
mounting tabs. There is a 0.85” hole for conduit
connection on the rear of the enclosure.
HUMIDITY SENSOR TYPE
Thermoset polymer based capacitive
HUMIDITY SENSOR ACCURACY
±1% (20 to 80 %RH) or ±2% (5 to 95 %RH)
SENSOR RESPONSE TIME
15 seconds typical
MEASUREMENT RANGE
0 to 100 %RH
HYSTERESIS
±1.5 %RH maximum
REPEATABILITY
±0.5 %RH typical
LINEARITY
±0.5 %RH typical
STABILITY
±1 %RH typical at 50 %RH in 5 years
TEMPERATURE SENSOR TYPE
1000Ω Platinum, IEC 751, 385 Alpha, thin film
RTD Class A: ±0.15°C (±0.27°F) @ 0°C (32°F)
RTD 1/3 DIN: ±0.1°C (±0.18°F) @ 0°C (32°F)
RTD 1/10 DIN: ±0.03°C (±0.054°F) @ 0°C (32°F)
TEMPERATURE ACCURACY
±0.1% of span
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 0 to 95 %RH non-condensing
POWER SUPPLY
18 to 30 Vdc, 15 to 26 Vac
CONSUMPTION
22 mA maximum
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
OUTPUT SIGNAL
4-20 mA, 0-5 Vdc, or 0-10 Vdc
OUTPUT DRIVE @ 24 VDC
Current: 550Ω max
Voltage: 10,000Ω min
INTERNAL ADJUSTMENTS
Clearly marked ZERO and SPAN pots
ENCLOSURE
Grey Polycarbonate, UL94-V0, IP65 (NEMA 4X)
TERMINATION
Screw terminal block (14 to 22 AWG)
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
North
Humidity
Transmitter
112.5 mm
4.43"
99.7 mm
3.925"
25.4 mm
1.00"
25.4 mm
1.00"
116.5 mm
4.585"
0.5" NPT
53.7 mm
2.115"


Similar Part No. - PS-HAHTOS

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HAHTOB GREYSTONE-PS-HAHTOB Datasheet
237Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
More results

Similar Description - PS-HAHTOS

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HAHTDT GREYSTONE-PS-HAHTDT Datasheet
275Kb / 2P
HIGH ACCURACY DUCT HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTOB GREYSTONE-PS-HAHTOB Datasheet
237Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTRC GREYSTONE-PS-HAHTRC Datasheet
315Kb / 2P
HIGH ACCURACY ROOM HUMIDITY / TEMPERATURE TRANSMITTER
PS-HANTRC GREYSTONE-PS-HANTRC Datasheet
219Kb / 2P
HIGH ACCURACY ROOM HUMIDITY / TEMPERATURE TRANSMITTER
PS-HATXOB GREYSTONE-PS-HATXOB Datasheet
239Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE TRANSMITTER WITH SUN/WINDSHIELD
PS-HATXOS GREYSTONE-PS-HATXOS Datasheet
236Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE TRANSMITTER
HSOB GREYSTONE-HSOB Datasheet
260Kb / 2P
OUTSIDE HUMIDITY TRANSMITTER
HSOS GREYSTONE-HSOS Datasheet
246Kb / 2P
OUTSIDE HUMIDITY TRANSMITTER
HTOB GREYSTONE-HTOB Datasheet
216Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
HTOS GREYSTONE-HTOS Datasheet
237Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com