Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HATXDF Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # HATXDF
Description  HIGH ACCURACY FLEX-DUCT AVERAGE TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

HATXDF Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  HATXDF Datasheet HTML 1Page - Greystone Energy Systems Inc. HATXDF Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE IS AN ISO 9001 REGISTERED QUALITY SYSTEM
HIGH ACCURACY FLEX-DUCT AVERAGE TEMPERATURE TRANSMITTER
HATXDF SERIES
PRODUCT DESCRIPTION
The high accuracy flexible, multi-point duct
averaging mounted temperature transmitter is
available with a selection of platinum RTD sensors
and a transmitter that provides a high accuracy
signal with excellent long term stability, low
hysteresis and fast response. They are available
with various scaled ranges. The sensing cable is
constructed to provide excellent heat transfer, fast
response time and is available in several lengths
and quantity of sensing elements.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The flex-duct average probes are installed through
a hole in the side of the duct to monitor an average
temperature within the duct. Select a probe length
that allows for criss-crossing the duct multiple
times. Install the probes in a straight section of
duct at a suitable distance downstream from any
heating, cooling, or humidification devices. The
cable probe needs to be fastened onto hangers
using tube clamps or wire ties and should be
secured every 100 cm or 3’ maximum to prevent
movement of the wire and prevent wear. If
sensor is to be used in high velocity or vibration
environment use of rigid style duct probe is
recommended.
The enclosure provides mounting tabs for ease of
installation.
SENSOR TYPE
1000Ω Platinum, IEC 751, 385 Alpha, thin film
SENSOR ACCURACY
RTD Class A: ±0.15°C (±0.27°F) @ 0°C (32°F)
RTD 1/3 DIN: ±0.1°C (±0.18°F) @ 0°C (32°F)
RTD 1/10 DIN: ±0.03°C (±0.054°F) @ 0°C (32°F)
PROBE SENSING RANGE
-20 to 60°C (-4 to 140°F)
WIRE MATERIAL
FT-6 rated plenum cable, 22 AWG
STANDARD LENGTHS
1800, 3600, 6100, 7300mm (6’, 12’, 20’, 24’)
OUTPUT SIGNAL
4-20 mA current loop, 0-5 Vdc or 0-10 Vdc (factory configured)
TRANSMITTER ACCURACY
±0.1% of span, including linearity
OUTPUT DRIVE @ 24 VDC
Current: 600Ω maximum
Voltage: 10 KΩ minimum
POWER SUPPLY
0-5 Vdc: 10-35 Vdc or 10-28 Vac
0-10 Vdc: 15-35 Vdc or 15-28 Vac
4-20 mA: 15-35 Vdc (Loop-powered) or 22-28 Vac
CURRENT CONSUMPTION
Current: 20 mA
Voltage: 5 mA
MAXIMUM CURRENT (VOLTAGE)
5 mA nominal
MAXIMUM OUTPUT (VOLTAGE)
Limited to <5.5 Vdc for 0-5 Vdc <10.5 for 0-10 Vdc
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
ENCLOSURE
A: ABS, UL94-V0, IP65 (NEMA 4X)
E: Same as E, with thread adapter (1/2” NPT to M16), and cable gland fitting
TERMINATION
Screw terminal block (14 to 22 AWG)
APPROVALS
CE
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
NOTE: This product is factory calibrated and any field adjustment will void the warranty.
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
82.5 mm
3.25"
69.8 mm
2.75"
52.0 mm
2.05"
76.2 mm
3.00"
0.5” NPT
Foam Gasket
304 Series S/S Probe
Various Probe Lengths
See Ordering Chart
FT-6 Plenum Rated Cable
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16


Similar Part No. - HATXDF

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
HATXDC GREYSTONE-HATXDC Datasheet
383Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER
HATXDR GREYSTONE-HATXDR Datasheet
289Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
More results

Similar Description - HATXDF

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATDDC GREYSTONE-PS-HATDDC Datasheet
326Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
PS-HATDDF GREYSTONE-PS-HATDDF Datasheet
281Kb / 2P
HIGH ACCURACY FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
PS-HATDDR GREYSTONE-PS-HATDDR Datasheet
279Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
PS-HATSDF GREYSTONE-PS-HATSDF Datasheet
431Kb / 2P
HIGH ACCURACY FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE SENSOR
PS-HATSDR GREYSTONE-PS-HATSDR Datasheet
282Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE SENSOR
PS-HAHTDT GREYSTONE-PS-HAHTDT Datasheet
275Kb / 2P
HIGH ACCURACY DUCT HUMIDITY/TEMPERATURE TRANSMITTER
PS-HATXDC GREYSTONE-PS-HATXDC Datasheet
383Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER
PS-HATXDR GREYSTONE-PS-HATXDR Datasheet
289Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
TXDF GREYSTONE-TXDF Datasheet
436Kb / 2P
FLEX-DUCT AVERAGE TEMPERATURE TRANSMITTER
TXDR GREYSTONE-TXDR Datasheet
288Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com