Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXC1100 Datasheet(PDF) 21 Page - Intel Corporation

Part # IXC1100
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXC1100 Datasheet(HTML) 21 Page - Intel Corporation

Back Button IXC1100 Datasheet HTML 17Page - Intel Corporation IXC1100 Datasheet HTML 18Page - Intel Corporation IXC1100 Datasheet HTML 19Page - Intel Corporation IXC1100 Datasheet HTML 20Page - Intel Corporation IXC1100 Datasheet HTML 21Page - Intel Corporation IXC1100 Datasheet HTML 22Page - Intel Corporation IXC1100 Datasheet HTML 23Page - Intel Corporation IXC1100 Datasheet HTML 24Page - Intel Corporation IXC1100 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
21
In addition to having separate instruction/data memory and local-code store, the NPE core supports
hardware multi-threading with support for multiple contexts. The support of hardware multi-
threading creates an efficient processor engine with minimal processor stalls due to the ability of
the processor core to switch contexts in a single clock cycle, based on a prioritized/preemptive
basis. The prioritized/preemptive nature of the context switching allows time-critical applications
to be implemented in a low-latency fashion — which is required when processing multi-media
applications.
The NPE core also connects several hardware-based coprocessors that are used to implement
functions that are difficult for a processor to implement. These functions include:
These coprocessors are implemented in hardware, enabling the coprocessors and the NPE
processor core to operate in parallel.
The combined forces of the hardware multi-threading, local-code store, independent instruction
memory, independent data memory, and parallel processing allows the Intel XScale core to be
utilized for application purposes. The multi-processing capability of the peripheral interface
functions allows unparalleled performance to be achieved by the application running on the Intel
XScale core.
2.1.2
Internal Bus
The internal bus architecture of the IXP42X product line and IXC1100 control plane processors is
designed to allow parallel processing to occur and to isolate bus utilization, based on particular
traffic patterns. The bus is segmented into three major buses: the North AHB, South AHB, and
APB.
2.1.2.1
North AHB
The North AHB is a 133.32 MHz, 32-bit bus that can be mastered by the NPEs. The targets of the
North AHB can be the SDRAM or the AHB/AHB bridge. The AHB/AHB bridge allows the NPEs
to access the peripherals and internal targets on the South AHB.
Data transfers by the NPEs on the North AHB to the South AHB are targeted predominately to the
queue manager. Transfers to the AHB/AHB bridge may be “posted,” when writing, or “split,”
when reading.
When a transaction is “posted,” a master on the North AHB requests a write to a peripheral on the
South AHB. If the AHB/AHB Bridge has a free FIFO location, the write request will be transferred
from the master on the North AHB to the AHB/AHB bridge. The AHB/AHB bridge will complete
the write on the South AHB, when it can obtain access to the peripheral on the South AHB. The
North AHB is released to complete another transaction.
When a transaction is “split,” a master on the North AHB requests a read of a peripheral on the
South AHB. If the AHB/AHB bridge has a free FIFO location, the read request will be transferred
from the master on the North AHB to the AHB/AHB bridge. The AHB/AHB bridge will complete
the read on the South AHB, when it can obtain access to the peripheral on the South AHB.
• Serialization/De-serialization
• CRC checking/generation
• DES/3DES/AES
• SHA-1
• MD5
• HDLC bit stuffing/de-stuffing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com