Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT593 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # FMMT593
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

FMMT593 Datasheet(HTML) 2 Page - Nanjing International Group Co

  FMMT593 Datasheet HTML 1Page - Nanjing International Group Co FMMT593 Datasheet HTML 2Page - Nanjing International Group Co FMMT593 Datasheet HTML 3Page - Nanjing International Group Co FMMT593 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-200
-400
-600
-800
-1000
-0
-200
-400
-600
-800
-1000
-0.1
-1
-10
1
10
100
1000
-0
-20
-40
-60
-80
-100
0
20
40
60
80
100
120
-1
-10
-100
-1000
10
100
1000
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
-1
-10
-100
-1000
-200
-400
-600
-800
-1000
-1
-10
-100
-1000
-0
-200
-400
-600
-800
-1000
-0
-1
-2
-3
-4
-5
-6
-7
-8
-0
-50
-100
-150
-200
-250
-300
-350
-400
V
CE
=-5V
T
a
=25℃
T
a
=100
oC
BASE-EMITTER VOLTAGE
V
BE
(mV)
I
C
——
V
BE
-20
f=1MHz
I
E
=0 / I
C
=0
T
a
=25
oC
REVERSE VOLTAGE
V
(V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
COLLECTOR CURRENT
I
C
(mA)
V
CE
=-10V
T
a
=25
oC
I
C
f
T
——
V
CE
= -5V
T
a
=100
oC
T
a
=25
oC
COLLECTOR CURRENT
I
C
(mA)
I
C
h
FE
——
AMBIENT TEMPERATURE
T
a
(
)
℃
P
c
——
T
a
COLLECTOR CURRENT
I
C
(mA)
T
a
=25℃
T
a
=100℃
β=10
I
C
V
BEsat
——
T
a
=25℃
T
a
=100℃
β=10
V
CEsat
——
I
C
COLLECTOR CURRENT
I
C
(mA)
-2.8mA
I
B
=-4.0、-3.6、-3.2mA
COMMON
EMITTER
T
a
=25℃
-1.6mA
-2.4mA
-2.0mA
-1.2mA
-0.8mA
I
B
=-0.4mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com