Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT618 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # FMMT618
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

FMMT618 Datasheet(HTML) 2 Page - Nanjing International Group Co

  FMMT618 Datasheet HTML 1Page - Nanjing International Group Co FMMT618 Datasheet HTML 2Page - Nanjing International Group Co FMMT618 Datasheet HTML 3Page - Nanjing International Group Co FMMT618 Datasheet HTML 4Page - Nanjing International Group Co FMMT618 Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
20
V
Collector-emitter breakdown voltage (note 1)
V(BR)CEO
IC=10mA,IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA ,IC=0
5
V
Collector cut-off current
ICBO
VCB=16V,IE=0
100
nA
Emitter cut-off current
IEBO
VEB=4V,IC=0
100
nA
hFE(1)
VCE=2V, IC=10mA
200
hFE(2)
VCE=2V, IC=0.2A
300
hFE(3)
VCE=2V, IC=2A
200
DC current gain (note 1)
hFE(4)
VCE=2V, IC=4A
100
VCE(sat)1
IC=0.1A,IB=10mA
15
mV
VCE(sat)2
IC=1A,IB=10mA
150
mV
Collector-emitter saturation voltage (note 1)
VCE(sat)3
IC=2 A,IB= 0mA
200
mV
Base-emitter saturation voltage (note 1)
VBE(sat)
IC=2 A,IB=50mA
1
V
Base-emitter on voltage (note 1)
VBE(on)
IC=2 A, VCE=2V
1
V
Output capacitance
Cob
VCB=10V, f=1MHz
30
pF
Turn-on time
t(on)
170
ns
Turn-off time
t(off)
VCC=10V, IC=1A, IB1=-IB2=10mA
400
ns
Transition frequency
fT
VCE=10V,IC=50mA, f=100MHz
100
MHz
Notes :
1. Pulse test: Pulse width
≤300μs,duty cycle≤2.0%.
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com