Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT720 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # FMMT720
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

FMMT720 Datasheet(HTML) 2 Page - Nanjing International Group Co

  FMMT720 Datasheet HTML 1Page - Nanjing International Group Co FMMT720 Datasheet HTML 2Page - Nanjing International Group Co FMMT720 Datasheet HTML 3Page - Nanjing International Group Co FMMT720 Datasheet HTML 4Page - Nanjing International Group Co FMMT720 Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-100
μA, IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO*
IC= -10mA, IB=0
-40
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100
μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-35V, IE=0
-0.1
μA
Collector cut-off current
ICES
VCE=-35V,VBE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB= -4V, IC=0
-0.1
μA
hFE(1) *
VCE= -2V,
IC=-10mA
300
hFE(2) *
VCE=-2V,
IC=-100mA
300
hFE(3) *
VCE=-2V,
IC=-1A
180
hFE(4) *
VCE=-2V,
IC=-1.5A
60
DC current gain
hFE(5) *
VCE=-2V,
IC=-3A
12
VCE(sat) (1) *IC=-0.1A, IB=-10mA
-40
mV
VCE(sat) (2) *IC=-1A, IB=-50mA
-220
mV
Collector-emitter saturation voltage
VCE(sat) (3) *
IC=-1.5A, IB=-100mA
-330
mV
Base-emitter saturation voltage
VBE(sat) *
IC=-1.5A, IB= -75mA
-1
V
Base-emitter voltage
VBE(on) *
VCE=-2V, IC=-1.5A
-1
V
Transition frequency
fT
VCE=-10V,IC=-50mA, f=100MHZ
150
MHz
Collector output capacitance
Cob
VCB=-10V,f=1MHZ
25
pF
Turn-on Time
t(on)
40
ns
Turn-off Time
t(off)
VCC=-15V, IC=-0.75A, IB1=
IB2=-15mA
435
ns
*Measured under pulse conditions . Pulse width =300
μs. Duty cycle≤2%.
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com