Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H100CBWD Datasheet(PDF) 1 Page - Bivar, Inc.

Part # H100CBWD
Description  T-1 (3MM) INTERLOCKING 90° SINGLE-LEVEL LED ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

H100CBWD Datasheet(HTML) 1 Page - Bivar, Inc.

  H100CBWD Datasheet HTML 1Page - Bivar, Inc. H100CBWD Datasheet HTML 2Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.250 [6.4mm]
0.091 [2.3mm]
Recommended Mounting Holes
0.185 [4.7mm]
Holder Faces
0.172 [4.4mm]
Ø.032
+.003
-.002
0.100 [2.5mm]
Holder Pitch
LED Lead
TYP.
0.200 [5.1mm]
Cathode I.D.
Mark
0.100 [2.5mm]
0.185 [4.7mm]
0.285 [7.2mm]
0.157 [4.0mm]
0.020 [0.5mm] SQ. TYP.
0.170 [4.3mm]
Ø.118 [Ø3.0mm]
TITLE:
.XXX
± .010
H100CXX
CAGE CODE : 32559
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
03/05/04
03/05/04
DATE:
DATE:
A. Vilgiate
S. Irving
DESIGNED:
CHECKED:
T-1 (3MM) INTERLOCKING
90° SINGLE-LEVEL LED ASSEMBLY
PART NO:
C
REVISION:
SHEET #
OF
1
2
4 THOMAS, IRVINE, CA. 92618
TEL: (949) 951-8808
FAX: (949) 951-3974
X°
± 1°
( UNLESS OTHERWISE SPECIFIED )
STANDARD TOLERANCE
DECIMALS
.X
± .1
.XX
± .02
ANGULAR
®
Engineering Update w/o Changes
A
REV.
DESCRIPTION
M. C.
APPROVED
03/05/04
DATE
LEAD SOLDERING TEMPERATURE(1/16" FROM BODY)
OPERATING TEMPERATURE RANGE
ABSOLUTE MAXIMUM RATINGS (Ta=25° C)
STORAGE TEMPERATURE
REVERSE CURRENT
REVERSE VOLTAGE
2
1
T-1 (3mm) N-Flange Shouldered LED, See Page 2
T-1 (3mm) LED Holder, 90° Mount, Interlocking Center
Q'TY
1
1
2
1
ITEM
3XX-S
PART NUMBER
H-100C
PART DESCRIPTION
B
LED Package Change to 3XX-S LEDs
12/14/07
M. C.
Engineering Update w/o Changes
CJ. C.
06/20/16


Similar Part No. - H100CBWD

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
H100CBWD BIVAR-H100CBWD Datasheet
90Kb / 2P
T-1 (3MM) INTERLOCKING 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
H100CBWD BIVAR-H100CBWD Datasheet
90Kb / 2P
T-1 (3MM) INTERLOCKING 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
H100CBWD BIVAR-H100CBWD Datasheet
90Kb / 2P
T-1 (3MM) INTERLOCKING 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
H100CBWD BIVAR-H100CBWD Datasheet
90Kb / 2P
T-1 (3MM) INTERLOCKING 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
H100CBWD BIVAR-H100CBWD Datasheet
90Kb / 2P
T-1 (3MM) INTERLOCKING 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
More results

Similar Description - H100CBWD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H100CRD ETC2-H100CRD Datasheet
352Kb / 2P
T-1 (3MM) INTERLOCKING 90 SINGLE-LEVEL LED ASSEMBLY
logo
Bivar, Inc.
H100CBC-YG BIVAR-H100CBC-YG Datasheet
156Kb / 1P
T-1 (3MM) INTERLOCKING 90° SINGLE-LEVEL LED ASSEMBLY
09/21/05
H100CBC BIVAR-H100CBC Datasheet
156Kb / 1P
T-1 (3MM) INTERLOCKING 90° SINGLE-LEVEL LED ASSEMBLY
09/21/05
H100CBWD BIVAR-H100CBWD Datasheet
90Kb / 2P
T-1 (3MM) INTERLOCKING 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
H100CGD BIVAR-H100CGD Datasheet
90Kb / 2P
T-1 (3MM) INTERLOCKING 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
H100CGDL BIVAR-H100CGDL Datasheet
90Kb / 2P
T-1 (3MM) INTERLOCKING 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
H100CHD BIVAR-H100CHD Datasheet
90Kb / 2P
T-1 (3MM) INTERLOCKING 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
H100CHDL BIVAR-H100CHDL Datasheet
90Kb / 2P
T-1 (3MM) INTERLOCKING 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
H100CSRD BIVAR-H100CSRD Datasheet
90Kb / 2P
T-1 (3MM) INTERLOCKING 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
H100CYD BIVAR-H100CYD Datasheet
90Kb / 2P
T-1 (3MM) INTERLOCKING 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com