Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # MMBT2907
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MMBT2907 Datasheet(HTML) 2 Page - Nanjing International Group Co

  MMBT2907 Datasheet HTML 1Page - Nanjing International Group Co MMBT2907 Datasheet HTML 2Page - Nanjing International Group Co MMBT2907 Datasheet HTML 3Page - Nanjing International Group Co MMBT2907 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-0
-300
-600
-900
-1200
-0.1
-1
-10
-100
-1
-10
-100
-300
-600
-900
-1200
0
25
50
75
100
125
150
0
50
100
150
200
250
300
-1
-10
-100
-10
-100
-1000
-1
-10
-100
0
100
200
300
400
-0.1
-1
-10
1
10
100
-0
-5
-10
-15
-20
-0
-50
-100
-150
-200
-0
-10
-20
-30
-40
-50
-60
200
300
400
500
COMMON EMITTER
V
CE= -10V
V
BE
I
C
——
BASE-EMMITER VOLTAGE V
BE (mV)
-600
-600
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
℃
T
a=25
℃
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
℃
-600
T
a=100
℃
T
a=25
℃
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
-600
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= -10V
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/V
EB
C
ob
/C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
-20
-720uA
-810uA
-900uA
I
B=-90uA
COMMON
EMITTER
T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
-450uA
-540uA
-630uA
-180uA
-270uA
-360uA
V
CE=-20V
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
f
T
——
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com