Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML6402PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRLML6402PBF
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6402PBF Datasheet(HTML) 7 Page - International Rectifier

  IRLML6402PBF Datasheet HTML 1Page - International Rectifier IRLML6402PBF Datasheet HTML 2Page - International Rectifier IRLML6402PBF Datasheet HTML 3Page - International Rectifier IRLML6402PBF Datasheet HTML 4Page - International Rectifier IRLML6402PBF Datasheet HTML 5Page - International Rectifier IRLML6402PBF Datasheet HTML 6Page - International Rectifier IRLML6402PBF Datasheet HTML 7Page - International Rectifier IRLML6402PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRLML6402PbF
www.irf.com
7
Micro3 (SOT-23/TO-236AB) Part Marking Information
Micro3 (SOT-23/TO-263AB) Package Outline
Dimensions are shown in millimeters (inches)
PART NUMBER
PART NUMB ER CODE REFERENCE:
A = IRLML 2402
H = IRL ML5203
B = IRL ML2803
C = IRL ML6302
D = IRL ML5103
G = IRLML2502
F = IRLML6401
E = IRLML6402
LOT
CODE
Y = YEAR
W = WEEK
W = (1-26) IF PRECEDED B Y LAS T DIGIT OF CALENDAR YEAR
W = (27-52) IF PRECEDED BY A LETTER
26
Z
1994
1998
2000
1999
1996
1997
1995
YEAR
2002
2003
2001
30
D
D
50
51
52
H
K
J
F
G
E
X
Y
Z
WEEK
27
28
29
WORK
Y
B
C
A
W
B
C
A
2003
1997
2000
1999
1998
1995
1996
1994
2001
2002
YEAR
03
C
3
04
24
25
7
0
9
8
5
6
4
X
Y
D
01
02
WEEK
WORK
1
2
Y
A
B
W
0.08
0.88
0.01
0.89
0.95 BS C
MILLIME TE RS
MIN
e
E
E1
D
L
A
A1
A2
c
M
O
B
S
Y
MIN
MAX
MAX
.036
.0375 BS C
DIME NS IONS
INCHES
b0.30
bbb
0.15
.008
ccc
.006
0.25 BS C
L1
L
0.40
0.60
.0118 BS C
aaa
0.20
.004
0°
8°
8°
0°
2.80
1.20
0
E1
E
D
5
6
3
12
ccc
C B A
B
5
6
e
e1
A2
A
A1
bbb
C A B
3X b
aaa C
3 S URF
0
3X L
L1
H
4
7
2.10
e1
1.90 BS C
.075 BS C
.0119
.0032
.111
.083
.048
.055
.119
.103
.0196
.0078
.0039
.044
.0004
.035
.040
.0236
.0158
1.02
0.20
0.50
2.64
3.04
1.40
1.12
0.10
0.10
1.90
[.075]
0.95
[.0375]
0.972
[.038]
2.742
[.1079]
0.802
[.031]
RECOMMENDED F OOT PRINT
3X
3X
NOT ES
1. DIME NS IONING AND T OLE RANCING PE R AS ME Y14.5M-1994.
4 DAT UM PLANE H IS LOCAT ED AT THE MOL D PART ING L INE.
5 DAT UM A AND B T O BE DET ERMINED AT DAT UM PLANE H.
6 DIMENS IONS D AND E1 ARE MEAS URED AT DAT UM PLANE H.
2. DIME NS IONS ARE S HOWN IN MILL IMET ERS AND INCHES .
3. CONTROL LING DIMENS ION: MILLIMETE R.
7 DIMENS ION L IS T HE L EAD LENGTH FOR S OLDERING T O A S UBS T RAT E.
8. OUTL INE CONFORMS T O JEDEC OUTL INE T O-236AB.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com