Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C30659-900-R8A Datasheet(PDF) 7 Page - PerkinElmer Optoelectronics

Part # C30659-900-R8A
Description  Silicon and InGaAs APD Preamplifier Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

C30659-900-R8A Datasheet(HTML) 7 Page - PerkinElmer Optoelectronics

  C30659-900-R8A Datasheet HTML 1Page - PerkinElmer Optoelectronics C30659-900-R8A Datasheet HTML 2Page - PerkinElmer Optoelectronics C30659-900-R8A Datasheet HTML 3Page - PerkinElmer Optoelectronics C30659-900-R8A Datasheet HTML 4Page - PerkinElmer Optoelectronics C30659-900-R8A Datasheet HTML 5Page - PerkinElmer Optoelectronics C30659-900-R8A Datasheet HTML 6Page - PerkinElmer Optoelectronics C30659-900-R8A Datasheet HTML 7Page - PerkinElmer Optoelectronics C30659-900-R8A Datasheet HTML 8Page - PerkinElmer Optoelectronics C30659-900-R8A Datasheet HTML 9Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www .optoelectr onics.perkinelmer.com
C30659-900-1060-1550nm Series
C30659-900-1060-1550nm Series
Page 7
Figure 3. Responsivity, continued
C30659-1550-R08B
Figure 4. Typical Response / Noise Curves
50 MHz Receivers
Frequency
Noise
200 MHz Receivers
Frequency
Noise
C30659-1550-R2A
Output voltage noise normalization is calculated using the following formula:
117142_C30659.qxd
6/21/04
2:33 PM
Page 7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com